Electronic Components Datasheet Search
  English  ▼

X  

DDTC113TE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTC113TE
Description  NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC113TE Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTC113TE Datasheet HTML 1Page - Diodes Incorporated DDTC113TE Datasheet HTML 2Page - Diodes Incorporated DDTC113TE Datasheet HTML 3Page - Diodes Incorporated DDTC113TE Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30315 Rev. 6 – 2
2 of 4
www.diodes.com
DDTC (R1-ONLY SERIES) E
© Diodes Incorporated
Electrical Characteristics @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
⎯
⎯
V
IC = 50mA
Collector-Emitter Breakdown Voltage
BVCEO
50
⎯
⎯
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
5
⎯
⎯
V
IE = 50μA
Collector Cutoff Current
ICBO
⎯
⎯
0.5
μA
VCB = 50V
Emitter Cutoff Current
IEBO
⎯
⎯
0.5
μA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
⎯
⎯
0.3
V
IC/IB = 10mA/1mA
DDTC113TE
IC/IB = 5mA/0.5mA
DDTC123TE
IC/IB = 2.5mA/.25mA DDTC143TE
IC/IB = 1mA/.1mA
DDTC114TE
IC/IB = 5mA/0.5mA
DDTC124TE
IC/IB = 2.5mA/.25mA DDTC144TE
IC/IB = 1mA/0.1mA
DDTC115TE
IC/IB = .5mA/.05mA DDTC125TE
DC Current Transfer Ratio
hFE
100
250
600
⎯
IC = 1mA, VCE = 5V
Input Resistor (R1) Tolerance
ΔR1
-30
⎯
+30
%
⎯
Gain-Bandwidth Product*
fT
⎯
250
⎯
MHz
VCE = 10V, IE = -5mA, f = 100MHz
* Transistor – For Reference Only



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com