Electronic Components Datasheet Search
  English  ▼

X  

DCX124EU Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DCX124EU
Description  SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX124EU Datasheet(HTML) 4 Page - Diodes Incorporated

  DCX124EU Datasheet HTML 1Page - Diodes Incorporated DCX124EU Datasheet HTML 2Page - Diodes Incorporated DCX124EU Datasheet HTML 3Page - Diodes Incorporated DCX124EU Datasheet HTML 4Page - Diodes Incorporated DCX124EU Datasheet HTML 5Page - Diodes Incorporated DCX124EU Datasheet HTML 6Page - Diodes Incorporated DCX124EU Datasheet HTML 7Page - Diodes Incorporated DCX124EU Datasheet HTML 8Page - Diodes Incorporated DCX124EU Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DS30347 Rev. 11 - 2
4 of 12
www.diodes.com
DCX (xxxx) U
© Diodes Incorporated
Electrical Characteristics PNP Section @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
R1 Only (DCX143TU & DCX114TU)
Collector-Base Breakdown Voltage
BVCBO
-50
⎯
⎯
V
IC = -50μA
Collector-Emitter Breakdown Voltage
BVCEO
-50
⎯
⎯
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-5
⎯
⎯
V
IE = -50μA
Collector Cutoff Current
ICBO
⎯
⎯
-0.5
μA
VCB = -50V
Emitter Cutoff Current
IEBO
⎯
⎯
-0.5
μA
VEB = -4V
Collector-Emitter Saturation Voltage
VCE(sat)
⎯
⎯
-0.3
V
IC/IB = 2.5mA / 0.25mA
DCX143TU
IC/IB = 1mA / 0.1mA
DCX114TU
DC Current Transfer Ratio
hFE
100
250
600
⎯
IC = -1mA, VCE = -5V
Input Resistor (R1) Tolerance
ΔR1
-30
⎯
+30
%
⎯
Gain-Bandwidth Product
fT
⎯
250
⎯
MHz
VCE = -10V, IE = 5mA, f = 100MHz
R1/R2 Only
DCX124EU
-0.5
-1.1
DCX144EU
-0.5
-1.1
DCX114YU
-0.3
⎯
DCX123JU
-0.5
⎯
DCX114EU
-0.5
-1.1
DCX143EU
Vl(off)
-0.5
-1.16
⎯
VCC = -5V, IO = -100μA
DCX124EU
-1.9
-3.0
VO = -0.3, IO = -5mA
DCX144EU
-1.9
-3.0
VO = -0.3, IO = -2mA
DCX114YU
⎯
-1.4
VO = -0.3, IO = -1mA
DCX123JU
⎯
-1.1
VO = -0.3, IO = -5mA
DCX114EU
-1.9
-3.0
VO = -0.3, IO = -10mA
Input Voltage
DCX143EU
Vl(on)
⎯
-2.5
-3.0
V
VO = -0.3, IO = -20mA
DCX124EU
IO/Il = -10mA / -0.5mA
DCX144EU
IO/Il = -10mA / -0.5mA
DCX114YU
IO/Il = -5mA / -0.25mA
DCX123JU
IO/Il = -5mA / -0.25mA
DCX114EU
IO/Il = -10mA / -0.5mA
Output Voltage
DCX143EU
VO(on)
⎯
-0.1
-0.3
V
IO/Il = -10mA / -0.5mA
DCX124EU
-0.36
DCX144EU
-0.18
DCX114YU
-0.88
DCX123JU
-3.6
DCX114EU
-0.88
Input Current
DCX143EU
Il
⎯
⎯
-0.88
mA
VI = -5V
Output Current
IO(off)
⎯
⎯
-0.5
μA
VCC = 50V, VI = 0V
DCX124EU
56
VO = -5V, IO = -5mA
DCX144EU
68
VO = -5V, IO = -5mA
DCX114YU
68
VO = -5V, IO = -10mA
DCX123JU
80
VO = -5V, IO = -10mA
DCX114EU
30
VO = -5V, IO = -5mA
DC Current Gain
DCX143EU
Gl
40
⎯
⎯
⎯
VO = -5V, IO = -10mA
Input Resistor (R1) Tolerance
ΔR1
-30
⎯
+30
%
⎯
Resistance Ratio Tolerance
R2/R1
-20
⎯
+20
%
⎯
Gain-Bandwidth Product
fT
⎯
250
⎯
MHz
VCE = -10V, IE = -5mA, f = 100MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com