Electronic Components Datasheet Search
  English  ▼

X  

AD7466 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7466
Description  1.6 V, Micropower 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7466 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7466 Datasheet HTML 9Page - Analog Devices AD7466 Datasheet HTML 10Page - Analog Devices AD7466 Datasheet HTML 11Page - Analog Devices AD7466 Datasheet HTML 12Page - Analog Devices AD7466 Datasheet HTML 13Page - Analog Devices AD7466 Datasheet HTML 14Page - Analog Devices AD7466 Datasheet HTML 15Page - Analog Devices AD7466 Datasheet HTML 16Page - Analog Devices AD7466 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7466/AD7467/AD7468
Rev. C | Page 13 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
DYNAMIC PERFORMANCE CURVES
Figure 6, Figure 7, and Figure 8 show typical FFT plots for the
AD7466, AD7467, and AD7468, respectively, at a 100 kSPS
sample rate and a 30 kHz input tone.
Figure 9 shows the signal-to-noise and distortion ratio
performance vs. input frequency for various supply voltages
while sampling at 100 kSPS with an SCLK frequency of 3.4 MHz
for the AD7466.
Figure 10 shows the signal-to-noise ratio (SNR) performance
vs. input frequency for various supply voltages while sampling
at 100 kSPS with an SCLK frequency of 3.4 MHz for the
AD7466.
Figure 11 shows the total harmonic distortion (THD) vs. analog
input signal frequency for various supply voltages while sam-
pling at 100 kSPS with an SCLK frequency of 3.4 MHz for
the AD7466.
Figure 12 shows the THD vs. analog input frequency for
different source impedances with a supply voltage of 2.7 V, an
SCLK frequency of 3.4 MHz, and sampling at a rate of 100 kSPS
for the AD7466 (see the Analog Input section).
DC ACCURACY CURVES
Figure 13 and Figure 14 show typical INL and DNL perform-
ance for the AD7466.
POWER REQUIREMENT CURVES
Figure 15 shows the supply current vs. supply voltage for the
AD7466 at −40°C, +25°C, and +85°C, with SCLK frequency of
3.4 MHz and a sampling rate of 100 kSPS.
Figure 16 shows the maximum current vs. supply voltage for the
AD7466 with different SCLK frequencies.
Figure 17 shows the shutdown current vs. supply voltage.
Figure 18 shows the power consumption vs. throughput rate for
the AD7466 with an SCLK of 3.4 MHz and different supply
voltages. See the Power Consumption section for more details.
25
5
–15
–35
–55
–75
–95
–115
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (kHz)
8192 POINT FFT
VDD = 1.8V
fSAMPLE = 100kSPS
fIN = 30kHz
SINAD = 70.82dB
THD = –84.18dB
SFDR = –85.48dB
Figure 6. AD7466 Dynamic Performance at 100 kSPS
15
–5
–25
–45
–65
–85
–105
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (kHz)
8192 POINT FFT
VDD = 1.8V
fSAMPLE = 100kSPS
fIN = 30kHz
SINAD = 61.51dB
THD = –80.61dB
SFDR = –82.10dB
Figure 7. AD7467 Dynamic Performance at 100 kSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com