Electronic Components Datasheet Search
  English  ▼

X  

2N7002E Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2N7002E
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002E Datasheet(HTML) 2 Page - Diodes Incorporated

  2N7002E Datasheet HTML 1Page - Diodes Incorporated 2N7002E Datasheet HTML 2Page - Diodes Incorporated 2N7002E Datasheet HTML 3Page - Diodes Incorporated 2N7002E Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N7002E
Document number: DS30376 Rev. 8 - 2
2 of 4
www.diodes.com
June 2010
© Diodes Incorporated
2N7002E
0
0.2
0.4
0.6
0.8
1.0
01
2
3
45
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 On-Region Characteristics
DS
0
V
, GATE TO SOURCE VOLTAGE (V)
Fig. 2 Drain Current vs. Gate-Source Voltage
GS
0.4
0.8
1.2
1.6
2.0
01
2
34
5
67
T = -55°C
A
T = 125°C
A
T = 25°C
A
0
1
2
3
4
5
02
4
6
8
10
V
, GATE TO SOURCE VOLTAGE (V)
Fig. 3 On Resistance vs. Gate-Source Voltage
GS
I = 75mA
D
I = 250mA
D
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1.0
I , DRAIN CURRENT (A)
Fig. 4 On Resistance vs. Drain Current
D
V
= 4.5V
GS
V
= 10V
GS
0
T , JUNCTION TEMPERATURE (°C)
Fig. 5 On-Resistance vs. Junction Temperature
J
1
2
3
4
5
-75 -50
-25
0
25
50
75
100 125 150
V
= 10V @ 250mA
GS
V
= 4.5V @ 200mA
GS
0
50
100
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 6 Max Power Dissipation vs. Ambient Temperature
A
150
200
250
300
350
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com