Electronic Components Datasheet Search
  English  ▼

X  

AD8361ARMZ1 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8361ARMZ1
Description  LF to 2.5 GHz TruPwr??Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ARMZ1 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8361ARMZ1 Datasheet HTML 16Page - Analog Devices AD8361ARMZ1 Datasheet HTML 17Page - Analog Devices AD8361ARMZ1 Datasheet HTML 18Page - Analog Devices AD8361ARMZ1 Datasheet HTML 19Page - Analog Devices AD8361ARMZ1 Datasheet HTML 20Page - Analog Devices AD8361ARMZ1 Datasheet HTML 21Page - Analog Devices AD8361ARMZ1 Datasheet HTML 22Page - Analog Devices AD8361ARMZ1 Datasheet HTML 23Page - Analog Devices AD8361ARMZ1 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8361
Rev. C | Page 21 of 24
EVALUATION BOARD
Figure 65 and Figure 68 show the schematic of the AD8361
evaluation board. Note that uninstalled components are drawn
in as dashed. The layout and silkscreen of the component side
are shown in Figure 66, Figure 67, Figure 69, and Figure 70. The
board is powered by a single supply in the 2.7 V to 5.5 V range.
The power supply is decoupled by 100 pF and 0.01 µF
capacitors. Additional decoupling, in the form of a series
resistor or inductor in R6, can also be added. Table 8 details the
various configuration options of the evaluation board.
Table 8. Evaluation Board Configuration Options
Component
Function
Default Condition
TP1, TP2
Ground and Supply Vector Pins.
Not Applicable
SW1
Device Enable. When in Position A, the PWDN pin is connected to +VS and the AD8361 is in power-
down mode. In Position B, the PWDN pin is grounded, putting the device in operating mode.
SW1 = B
SW2/SW3
Operating Mode. Selects either ground reference mode, internal reference mode or supply
reference mode. See Table 4 for more details.
SW2 = A, SW3 = B
(Ground Reference Mode)
C1, R2
Input Coupling. The 75 Ω resistor in Position R2 combines with the AD8361’s internal input
impedance to give a broadband input impedance of around 50 Ω. For more precise matching
at a particular frequency, R2 can be replaced by a different value (see Input Coupling and
Matching and Figure 43 through Figure 46).
Capacitor C1 ac couples the input signal and creates a high-pass input filter whose corner
frequency is equal to approximately 8 MHz. C1 can be increased for operation at lower
frequencies. If resistive attenuation is desired at the input, series resistor R1, which is
nominally 0 Ω, can be replaced by an appropriate value.
R2 = 75 Ω (Size 0402)
C1 = 100 pF (Size 0402)
C2, C3, R6
Power Supply Decoupling. The nominal supply decoupling of 0.01 µF and 100 pF. A series
inductor or small resistor can be placed in R6 for additional decoupling.
C2 = 0.01 µF (Size 0402)
C3 = 100 pF (Size 0402)
R6 = 0 Ω (Size 0402)
C5
Filter Capacitor. The internal 50 pF averaging capacitor can be augmented by placing a
capacitance in C5.
C5 = 1 nF (Size 0603)
C4, R5
Output Loading. Resistors and capacitors can be placed in C4 and R5 to load test V rms.
C4 = R5 = Open (Size 0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com