Electronic Components Datasheet Search
  English  ▼

X  

DDTC122LE Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTC122LE
Description  NPN PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC122LE Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTC122LE Datasheet HTML 1Page - Diodes Incorporated DDTC122LE Datasheet HTML 2Page - Diodes Incorporated DDTC122LE Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DDTC (LO-R1) E
NPN PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
Features
DS30404 Rev. 6 - 2
1 of 3
www.diodes.com
DDTC (LO-R1) E
© Diodes Incorporated
•
Epitaxial Planar Die Construction
•
Complementary PNP Types Available (DDTA)
•
Built-In Biasing Resistors
•
Lead Free/RoHS Compliant (Note 2)
•
"Green" Device (Note 3 and 4)
Mechanical Data
•
Case: SOT-523
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish - Solderable per MIL-STD-202,
Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy
42 leadframe)
•
Terminal Connections: See Diagram
•
Marking Information: See Table Below & Page 3
•
Ordering Information: See Page 3
•
Weight: 0.002 grams (approximate)
P/N
R1 (NOM)
R2 (NOM) MARKING
DDTC122LE
DDTC142JE
DDTC122TE
DDTC142TE
0.22K
Ω
0.47K
Ω
0.22K
Ω
0.47K
Ω
10K
Ω
10K
Ω
OPEN
OPEN
N81
N82
N83
N84
SOT-523
A
M
J
L
D
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
⎯
⎯
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
α
0
°
8
°
⎯
All Dimensions in mm
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (2)
VCC
50
V
Input Voltage, (1) to (2)
DDTC122LE
DDTC142JE
VIN
-5 to +6
-5 to +6
V
Input Voltage, (2) to (1)
DDTC122TE
DDTC142TE
VEBO (MAX)
5
V
Output Current
All
IC
100
mA
Power Dissipation
(Note 1)
Pd
150
mW
Thermal Resistance, Junction to Ambient Air
(Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Schematic and Pin Diagram
R1
OUT
B
C
E
R2
3
2
1
IN
GND(0)
B C
H
K
G
N
TOP VIEW


Similar Part No. - DDTC122LE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC122LE DIODES-DDTC122LE Datasheet
74Kb / 3P
NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 2 - 2
DDTC122LE DIODES-DDTC122LE Datasheet
64Kb / 3P
NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 2 - 2
DDTC122LE DIODES-DDTC122LE Datasheet
74Kb / 3P
NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 5 - 2
DDTC122LE-7 DIODES-DDTC122LE-7 Datasheet
74Kb / 3P
NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 2 - 2
DDTC122LE-7-F DIODES-DDTC122LE-7-F Datasheet
74Kb / 3P
NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 5 - 2
More results

Similar Description - DDTC122LE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC122LE DIODES-DDTC122LE Datasheet
74Kb / 3P
NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 2 - 2
DDTCXXXXE DIODES-DDTCXXXXE Datasheet
64Kb / 3P
NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 2 - 2
DDTCXXXXU DIODES-DDTCXXXXU Datasheet
68Kb / 3P
NPN PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30401 Rev. 2 - 2
DDTC122LU DIODES-DDTC122LU_1 Datasheet
78Kb / 3P
NPN PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30401 Rev. 5 - 2
DDTC122LE DIODES-DDTC122LE_1 Datasheet
74Kb / 3P
NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 5 - 2
DDTD122LU DIODES-DDTD122LU_2 Datasheet
116Kb / 3P
NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30398 Rev. 6 - 2
DDTC122LU DIODES-DDTC122LU_2 Datasheet
116Kb / 3P
NPN PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30401 Rev. 6 - 2
DDTA122LU DIODES-DDTA122LU_1 Datasheet
116Kb / 3P
PNP PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30402 Rev. 6 - 2
DDTA122LE DIODES-DDTA122LE_1 Datasheet
176Kb / 3P
PNP PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30405 Rev. 6 - 2
DDTDC DIODES-DDTDC Datasheet
352Kb / 5P
NPN PRE-BIASED 500 MA SURFACE MOUNT TRANSISTOR
Rev. 8 - 2 July 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com