Electronic Components Datasheet Search
  English  ▼

X  

DDC114TH Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDC114TH
Description  NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC114TH Datasheet(HTML) 2 Page - Diodes Incorporated

  DDC114TH Datasheet HTML 1Page - Diodes Incorporated DDC114TH Datasheet HTML 2Page - Diodes Incorporated DDC114TH Datasheet HTML 3Page - Diodes Incorporated DDC114TH Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30421 Rev. 4 - 2
2 of 4
www.diodes.com
DDC (xxxx) H
© Diodes Incorporated
Electrical Characteristics
@TA = 25°C unless otherwise specified
Characteristic (DDC143TH & DDC114TH only)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
⎯
⎯
V
IC = 50μA
Collector-Emitter Breakdown Voltage
BVCEO
50
⎯
⎯
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
5
⎯
⎯
V
IE = 50μA
Collector Cutoff Current
ICBO
⎯
⎯
0.5
μA
VCB = 50V
Emitter Cutoff Current
IEBO
⎯
⎯
0.5
μA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
⎯
⎯
0.3
V
IC/IB = 2.5mA / 0.25mA
DDC143TH
IC/IB = 1mA / 0.1mA
DDC114TH
DC Current Transfer Ratio
hFE
100
250
600
⎯
IC = 1mA, VCE = 5V
Gain-Bandwidth Product*
fT
⎯
250
⎯
MHz
VCE = 10V, IE = -5mA, f = 100MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
Vl(off)
0.5
0.5
0.5
0.3
0.5
0.5
1.1
1.1
1.1
⎯
⎯
1.1
⎯
VCC = 5V, IO = 100μA
Input Voltage
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
Vl(on)
⎯
1.9
1.9
1.9
⎯
⎯
1.9
3.0
3.0
3.0
1.4
1.1
3.0
V
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 1mA
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 10mA
Output Voltage
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
VO(on)
⎯
0.1
0.3
V
IO/Il = 10mA / 0.5mA
IO/Il = 10mA / 0.5mA
IO/Il = 10mA / 0.5mA
IO/Il = 5mA / 0.25mA
IO/Il = 5mA / 0.25mA
IO/Il = 10mA / 0.5mA
Input Current
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
Il
⎯
⎯
0.36
0.18
1.8
0.88
3.6
0.88
mA
VI = 5V
Output Current
IO(off)
⎯
⎯
0.5
μA
VCC = 50V, VI = 0V
DC Current Gain
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
Gl
56
68
20
68
80
30
⎯
⎯
⎯
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
Gain-Bandwidth Product*
fT
⎯
250
⎯
MHz VCE = 10V, IE = 5mA, f = 100MHz
* Transistor - For Reference Only



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com