Electronic Components Datasheet Search
  English  ▼

X  

DDA122TH Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDA122TH
Description  PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDA122TH Datasheet(HTML) 1 Page - Diodes Incorporated

  DDA122TH Datasheet HTML 1Page - Diodes Incorporated DDA122TH Datasheet HTML 2Page - Diodes Incorporated DDA122TH Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DDA (LO-R1) H
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Features
DS30427 Rev. 4 - 2
1 of 3
www.diodes.com
DDA (LO-R1) H
© Diodes Incorporated
•
Epitaxial Planar Die Construction
•
Complementary NPN Types Available
(DDC)
•
Built-In Biasing Resistors
•
Lead Free By Design/RoHS Compliant (Note 3)
•
"Green" Device (Note 4 and 5)
Mechanical Data
•
Case: SOT-563
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
•
Terminal Connections: See Diagram
•
Weight: 0.005 grams (approximate)
P/N
R1 (NOM)
R2 (NOM)
MARKING
DDA122LH
DDA142JH
DDA122TH
DDA142TH
0.22K
Ω
0.47K
Ω
0.22K
Ω
0.47K
Ω
10K
Ω
10K
Ω
OPEN
OPEN
P81
P82
P83
P84
SOT-563
Dim
Min
Max
Typ
A
0.15
0.30
0.25
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.56
0.60
0.60
L
0.15
0.25
0.20
M
0.10
0.18
0.11
All Dimensions in mm
A
M
L
Maximum Ratings
@TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage (6) to (1) and (3) to (4)
VCC
-50
V
Input Voltage (2) to (1) and (5) to (4)
DDA122LH
DDA142JH
VIN
+5 to -6
+5 to -6
V
Input Voltage (1) to (2) and (4) to (5)
DDA122TH
DDA142TH
VEBO (MAX)
-5
V
Output Current
All
IC
-100
mA
Power Dissipation
Pd
150
mW
Thermal Resistance, Junction to Ambient Air
(Note 2)
RθJA
833
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Notes:
1. Package is non-polarized. Parts may be on reel in orientation illustrated, 180° rotated, or mixed (both ways).
2. Mounted on FR4 Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
R1, R2
R1 Only
SCHEMATIC DIAGRAM, TOP VIEW
R1
R1
6
5
4
3
2
1
R1
R1
R2
65
4
3
2
1
R2
B C
H
K
G
D
PXXYM
SEE NOTE 1


Similar Part No. - DDA122TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDA122TH DIODES-DDA122TH Datasheet
77Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30427 Rev. 3 - 2
DDA122TH-7 DIODES-DDA122TH-7 Datasheet
77Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30427 Rev. 3 - 2
More results

Similar Description - DDA122TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123EUA DIODES-DDTA123EUA_2 Datasheet
132Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
DDTA113ZUA DIODES-DDTA113ZUA_2 Datasheet
141Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DDTA114GUA DIODES-DDTA114GUA_2 Datasheet
132Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
DDTA113TKA DIODES-DDTA113TKA_2 Datasheet
135Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30343 Rev. 7 - 2
DDTA114GKA DIODES-DDTA114GKA_2 Datasheet
126Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30344 Rev. 8 - 2
DDA124EU DIODES-DDA124EU_2 Datasheet
219Kb / 5P
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 9 - 2
DDA122LU DIODES-DDA122LU_1 Datasheet
191Kb / 3P
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30423 Rev. 7 - 2
ADTA143XUAQ DIODES-ADTA143XUAQ Datasheet
459Kb / 7P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
DDAXXXXH DIODES-DDAXXXXH Datasheet
282Kb / 6P
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2 June 2016
DDA114EDJ DIODES-DDA114EDJ Datasheet
189Kb / 7P
DUAL PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
March 2012 Rev. 3 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com