Electronic Components Datasheet Search
  English  ▼

X  

DDC122TH Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDC122TH
Description  NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC122TH Datasheet(HTML) 1 Page - Diodes Incorporated

  DDC122TH Datasheet HTML 1Page - Diodes Incorporated DDC122TH Datasheet HTML 2Page - Diodes Incorporated DDC122TH Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DDC (LO-R1) H
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary PNP Types Available (DDA)
•
Built-In Biasing Resistors
•
Lead Free By Design/RoHS Compliant (Note 3)
•
"Green" Device (Note 4 and 5)
Mechanical Data
DS30428 Rev. 4 - 2
1 of 3
www.diodes.com
DDC (LO-R1) H
© Diodes Incorporated
•
Case: SOT-563, Molded Plastic
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
•
Terminal Connections: See Diagram
•
Weight: 0.005 grams (approximate)
P/N
R1 (NOM)
R2 (NOM) MARKING
DDC122LH
DDC142JH
DDC122TH
DDC142TH
0.22K
Ω
0.47K
Ω
0.22K
Ω
0.47K
Ω
10K
Ω
10K
Ω
OPEN
OPEN
N81
N82
N83
N84
SOT-563
Dim
Min
Max
Typ
A
0.15
0.30
0.25
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.56
0.60
0.60
L
0.15
0.25
0.20
M
0.10
0.18
0.11
All Dimensions in mm
A
M
L
Maximum Ratings
@TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage (6) to (1) and (3) to (4)
VCC
50
V
Input Voltage (2) to (1) and (5) to (4)
DDC122LH
DDC142JH
VIN
-5 to +6
-5 to +6
V
Input Voltage (1) to (2) and (4) to (5)
DDC122TH
DDC142TH
VEBO (MAX)
5
V
Output Current
All
IC
100
mA
Power Dissipation
Pd
150
mW
Thermal Resistance, Junction to Ambient Air
(Note 2)
RθJA
833
°C/W
Notes:
1. Package is non-polarized. Parts may be on reel in orientation illustrated, 180° rotated, or mixed (both ways).
2. Mounted on FR4 Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants
R1, R2
R1 Only
SCHEMATIC DIAGRAM, TOP VIEW
R1
6
54
3
2
1
R1
R1
R1
R2
65
4
3
2
1
R2
B C
H
K
G
D
NXXYM
SEE NOTE 1


Similar Part No. - DDC122TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC122TH DIODES-DDC122TH Datasheet
76Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30428 Rev. 3 - 2
DDC122TH-7 DIODES-DDC122TH-7 Datasheet
76Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30428 Rev. 3 - 2
More results

Similar Description - DDC122TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TUA DIODES-DDTC113TUA_2 Datasheet
130Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DDC124EU DIODES-DDC124EU_2 Datasheet
158Kb / 5P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 9 - 2
DDC124EH DIODES-DDC124EH_2 Datasheet
186Kb / 4P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 4 - 2
DDC122LU DIODES-DDC122LU_1 Datasheet
170Kb / 3P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30424 Rev. 6 - 2
DDC144TH DIODES-DDC144TH Datasheet
266Kb / 5P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
December 2014
ADTC114YUAQ DIODES-ADTC114YUAQ Datasheet
457Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
ADTC143TCAQ DIODES-ADTC143TCAQ Datasheet
275Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143TUAQ DIODES-ADTC143TUAQ Datasheet
371Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2016
ADTC143ZUAQ DIODES-ADTC143ZUAQ Datasheet
381Kb / 7P
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
DDCXXXXH DIODES-DDCXXXXH Datasheet
306Kb / 6P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Rev. 5 - 2 April 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com