Electronic Components Datasheet Search
  English  ▼

X  

BC857BV Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC857BV
Description  PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC857BV Datasheet(HTML) 2 Page - Diodes Incorporated

  BC857BV Datasheet HTML 1Page - Diodes Incorporated BC857BV Datasheet HTML 2Page - Diodes Incorporated BC857BV Datasheet HTML 3Page - Diodes Incorporated BC857BV Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC857BV
Document number: DS30433 Rev. 5 - 2
2 of 4
www.diodes.com
April 2009
© Diodes Incorporated
BC857BV
-50
0
50
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Dissipation vs. Ambient Temperature (Note 2)
A
°
1
10
100
1,000
110
100
1,000
V
= 5V
CE
I , COLLECTOR CURRENT (mA)
Fig. 2 Typical DC Current Gain vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
1
0.1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 3 Collector-Emitter Saturation Voltage
vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
0
0.1
0.2
0.3
0.4
0.5
I
I
C
B
= 10
10
100
1,000
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 4 Typical Gain-Bandwidth Product vs. Collector Current
C
V
= 5V
CE
Ordering Information (Note 7)
Part Number
Case
Packaging
BC857BV-7
SOT-563
3000/Tape & Reel
Notes:
7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
P
R
S
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
K5V = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: T = 2006)
M = Month (ex: 9 = September)
K5V
YM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com