Electronic Components Datasheet Search
  English  ▼

X  

SDA004 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDA004
Description  DATA BUS TRANSIENT SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDA004 Datasheet(HTML) 1 Page - Diodes Incorporated

  SDA004 Datasheet HTML 1Page - Diodes Incorporated SDA004 Datasheet HTML 2Page - Diodes Incorporated SDA004 Datasheet HTML 3Page - Diodes Incorporated SDA004 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SDA004
DATA BUS TRANSIENT SUPPRESSOR
Features
•
ESD Protection >30kV (Human Body Model) (Note 1)
•
Ultra-Small Surface Mount Package
•
Protects 2 Data Lines
•
Low Leakage <25nA
•
Low Capacitance 3pF Typ.
•
Protects USB 2.0 and USB 1.1
•
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 4, 5 and 6)
IEC Compatibility (Note 1)
•
61000-4-2 (ESD) Air-30kV Contact-30kV
•
61000-4-4 (EFT) 40A, 5/50 ns
•
61000-4-5 (Surge) 8x20
μs, 20 Amperes
Mechanical Data
•
Case: SOT-363
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Finish
⎯ Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
•
Orientation: See Diagram Below
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.006 grams (approximate)
SDA004
Document number: DS30452 Rev. 8 - 2
1 of 4
www.diodes.com
June 2008
© Diodes Incorporated
I/01
I/02
V2
N
V1
N
V2
p
V1
p
Data
Line n
Data
Line n+1
V/V
BUS
CC
APPLICATION
Ground
I/01
I/02
V1
N
V1
p
V2
p
V2
N
SOT-363
TOP VIEW
Internal Schematic
TOP VIEW
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
80
V
Forward Continuous Current (Note 2)
IFM
500
mA
Repetitive Peak Forward Current @ Tp = 5μs, f = 50kHz (Note 2)
IFRM
1000
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0s
IFSM
20
2.0
A
Clamping Voltage @ Ipp = 20A (Note 3)
8x20
μs Waveform
VC
16
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 2)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Notes:
1. Tested with VP connected to VN to simulate appropriate VBUS/VCC decoupling to ground.
2. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. Referenced to VP or VN.
4. No purposefully added lead. Halogen and Antimony Free.
5. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
6. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Please click here to visit our online spice models database.


Similar Part No. - SDA004

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDA004 DIODES-SDA004 Datasheet
93Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
DS30452 Rev. 4 - 2
SDA004-7 DIODES-SDA004-7 Datasheet
93Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
DS30452 Rev. 4 - 2
SDA004 DIODES-SDA004_15 Datasheet
96Kb / 5P
DATA BUS TRANSIENT SUPPRESSOR
Rev 9
More results

Similar Description - SDA004

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
DLTS-5 MICROSEMI-DLTS-5 Datasheet
76Kb / 2P
DATA LINE TRANSIENT SUPPRESSOR
logo
Diodes Incorporated
SDA004 DIODES-SDA004 Datasheet
93Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
DS30452 Rev. 4 - 2
SDA006 DIODES-SDA006 Datasheet
98Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR/3-PHASE FULL WAVE BRIDGE RECTIFIER
DS30559 Rev. 3 - 2
DLPA006 DIODES-DLPA006_1 Datasheet
494Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 4 - 2
logo
Microsemi Corporation
DLTS-5 MICROSEMI-DLTS-5_09 Datasheet
95Kb / 3P
DATA LINE TRANSIENT SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
Diodes Incorporated
DLPA004 DIODES-DLPA004 Datasheet
86Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
DS31593 Rev. 4 - 2
SDA004 DIODES-SDA004_15 Datasheet
96Kb / 5P
DATA BUS TRANSIENT SUPPRESSOR
Rev 9
DLPA004 DIODES-DLPA004_15 Datasheet
86Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
Rev erse
SDA006 DIODES-SDA006_15 Datasheet
156Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
Rev erse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com