Electronic Components Datasheet Search
  English  ▼

X  

PDS360 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDS360
Description  3A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS360 Datasheet(HTML) 1 Page - Diodes Incorporated

  PDS360 Datasheet HTML 1Page - Diodes Incorporated PDS360 Datasheet HTML 2Page - Diodes Incorporated PDS360 Datasheet HTML 3Page - Diodes Incorporated PDS360 Datasheet HTML 4Page - Diodes Incorporated PDS360 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PDS360
Document number: DS30479 Rev. 10 - 2
1 of 5
www.diodes.com
December 2010
© Diodes Incorporated
PDS360
PowerDI is a registered trademark of Diodes Incorporated.
3A SCHOTTKY BARRIER RECTIFIER
PowerDI
®5
Features
•
Guard Ring Die Construction for Transient Protection
•
Low Power Loss, High Efficiency
•
Low Reverse Leakage Current
•
For Use in High Frequency Inverters, Free Wheeling, and
Polarity Protection Applications
•
High Forward Surge Current Capability
•
Lead Free Finish, RoHS Compliant (Note 1)
•
"Green" Molding Compound (No Br, Sb)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: PowerDI
®5
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagram
•
Weight: 0.093 grams (approximate)
Ordering Information (Note 2)
Part Number
Case
Packaging
PDS360-13
PowerDI
®5
5000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
S360 = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last two digits of year (ex: 05 for 2005)
WW = Week code (01 - 53)
K = Factory Designator
YYWWK
S360


Similar Part No. - PDS360

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS360 DIODES-PDS360 Datasheet
82Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 7 - 2
logo
Linear Technology
PDS360 LINER-PDS360 Datasheet
293Kb / 24P
42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
logo
Diodes Incorporated
PDS360-13 DIODES-PDS360-13 Datasheet
82Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 7 - 2
PDS360Q DIODES-PDS360Q Datasheet
232Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
PDS360Q-13 DIODES-PDS360Q-13 Datasheet
232Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
More results

Similar Description - PDS360

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS360 DIODES-PDS360 Datasheet
82Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 7 - 2
B3L30LP DIODES-B3L30LP Datasheet
84Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 2 - 2
PDS340 DIODES-PDS340_10 Datasheet
101Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
DS30478 Rev. 8 - 2
B3L30LP DIODES-B3L30LP_09 Datasheet
92Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 7 - 2
logo
KODENSHI_AUK CORP.
SDB330 KODENSHI-SDB330 Datasheet
258Kb / 5P
30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB320-1 KODENSHI-SDB320-1 Datasheet
234Kb / 5P
20V, 3A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B3L30LP DIODES-B3L30LP_15 Datasheet
253Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev 11
logo
Unisonic Technologies
SB3U40 UTC-SB3U40 Datasheet
119Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS340Q DIODES-PDS340Q Datasheet
405Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev erse
PDS360Q DIODES-PDS360Q Datasheet
232Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com