Electronic Components Datasheet Search
  English  ▼

X  

PDS540-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDS540-13
Description  5A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS540-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  PDS540-13 Datasheet HTML 1Page - Diodes Incorporated PDS540-13 Datasheet HTML 2Page - Diodes Incorporated PDS540-13 Datasheet HTML 3Page - Diodes Incorporated PDS540-13 Datasheet HTML 4Page - Diodes Incorporated PDS540-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PDS540
Document number: DS30482 Rev. 11 - 2
2 of 5
www.diodes.com
October 2010
© Diodes Incorporated
PDS540
PowerDI is a registered trademark of Diodes Incorporated.
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Output Current (See also figure 5)
IO
5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
150
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RθJS
⎯
4.0
°C/W
Thermal Resistance Junction to Ambient Air (Note 3)
RθJA
90
⎯
°C/W
Thermal Resistance Junction to Ambient Air (Note 4)
RθJA
65
⎯
°C/W
Thermal Resistance Junction to Ambient Air (Note 5)
RθJA
50
⎯
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
40
⎯
⎯
V
IR = 0.5mA
Forward Voltage
VF
⎯
⎯
⎯
⎯
0.48
0.43
0.57
0.55
0.52
0.47
0.65
0.59
V
IF = 5A, TS = 25°C
IF = 5A, TS = 125°C
IF = 10A, TS = 25°C
IF = 10A, TS = 125°C
Reverse Leakage Current (Note 6)
IR
⎯
⎯
⎯
0.015
3
10
0.25
15
40
mA
TS = 25°C, VR = 40V
TS = 100°C, VR = 40V
TS = 125°C, VR = 40V
Notes:
3. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com.
4. Polyimide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com.
5. Polyimide PCB, 2 oz. Copper. Cathode pad dimensions 9.4mm x 7.2mm. Anode pad dimensions 2.7mm x 1.6mm.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com