Electronic Components Datasheet Search
  English  ▼

X  

BC847BLP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC847BLP
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BLP Datasheet(HTML) 2 Page - Diodes Incorporated

  BC847BLP Datasheet HTML 1Page - Diodes Incorporated BC847BLP Datasheet HTML 2Page - Diodes Incorporated BC847BLP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30525 Rev. 10 - 2
2 of 3
www.diodes.com
BC847BLP
© Diodes Incorporated
0
50
100
0
2550
75100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
150
200
250
300
R
= 500 C/W
θJA
°
0
150
100
50
200
250
300
350
1
100
10
I , COLLECTOR CURRENT (mA)
Fig. 2 Typical Collector-Emitter Saturation
Voltage vs. Collector Current
C
I , COLLECTOR CURRENT (mA)
Fig. 3
C
Typical Base-Emitter Saturation Voltage
vs. Collector Current
1100
10
I , COLLECTOR CURRENT (mA)
Fig. 4
C
Typical Base-Emitter Turn-On Voltage
vs. Collector Current
T = -55ºC
A
T = 85ºC
A
T = 25ºC
A
T = 125ºC
A
T = 150ºC
A
V
= 5V
CE
I , COLLECTOR CURRENT (mA)
Fig. 5
C
Typical DC Current Gain vs. Collector Current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com