Electronic Components Datasheet Search
  English  ▼

X  

BAS40V-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS40V-7
Description  DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS40V-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS40V-7 Datasheet HTML 1Page - Diodes Incorporated BAS40V-7 Datasheet HTML 2Page - Diodes Incorporated BAS40V-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS40V
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
•
Low Forward Voltage Drop
•
Fast Switching
•
PN Junction Guard Ring for Transient and ESD Protection
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 4)
Mechanical Data
•
Case: SOT-563
•
Case Material: Molded Plastic, "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminal Connections: See Diagram
•
Terminals: Finish
− Matte Tin annealed over Alloy 42 leadframe.
Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.003 grams (approximate)
C
1
NC
A2
C2
A1
NC
Top View
Bottom View
Device Schematic
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Forward Continuous Current (Note 2)
IFM
200
mA
Forward Surge Current (Note 2)
@ t < 1.0s
IFSM
600
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
PD
150
mW
Thermal Resistance, Junction to Ambient Air (Note 2)
RθJA
833
°C/W
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 3)
V(BR)R
40
—
—
V
IR = 10μA
Forward Voltage
VF
—
—
380
1000
mV
tp < 300μs, IF = 1.0mA
tp < 300μs, IF = 40mA
Reverse Leakage Current (Note 3)
IR
—
20
200
nA
tp < 300μs, VR = 30V
Total Capacitance
CT
—
4.0
5.0
pF
VR = 0V, f =1.0MHz
Reverse Recovery Time
trr
—
—
5.0
ns
IF = IR = 10mA to IR = 1.0mA,
RL = 100Ω
Notes:
1. No purposefully added lead.
2. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. Short duration pulse test used to minimize self-heating effect.
4. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
BAS40V
Document number: DS30561 Rev. 4 - 2
1 of 3
www.diodes.com
July 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - BAS40V-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40V-7 DIODES-BAS40V-7 Datasheet
245Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 2 - 2
BAS40V-7 DIODES-BAS40V-7 Datasheet
71Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 3 - 2
More results

Similar Description - BAS40V-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54DW DIODES-BAT54DW Datasheet
44Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 3 - 2
SDM20E40C DIODES-SDM20E40C Datasheet
56Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. B-2
BAT54DW DIODES-BAT54DW_1 Datasheet
364Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 8 - 2
SDM20E40C DIODES-SDM20E40C_1 Datasheet
76Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. 6 - 2
BAT54DW DIODES-BAT54DW_08 Datasheet
122Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 11 - 2
SDM40E20L DIODES-SDM40E20L_08 Datasheet
123Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 June 2008
SDM20E40C DIODES-SDM20E40C_15 Datasheet
91Kb / 4P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 9
SDM40E20L DIODES-SDM40E20L_15 Datasheet
123Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
BAS40V DIODES-BAS40V_15 Datasheet
259Kb / 5P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 8
SDM20N40A DIODES-SDM20N40A_15 Datasheet
80Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com