Electronic Components Datasheet Search
  English  ▼

X  

SDM20U30LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDM20U30LP
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM20U30LP Datasheet(HTML) 2 Page - Diodes Incorporated

  SDM20U30LP Datasheet HTML 1Page - Diodes Incorporated SDM20U30LP Datasheet HTML 2Page - Diodes Incorporated SDM20U30LP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SDM20U30LP
0
5
10
15
20
25
30
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
100n
10m
1m
.001
.01
.1
1
10
1,000
100
0200
400
600
800
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
Fig. 1 Typical Forward Characteristics
F
T = 25°C
A
T = 75°C
A
T = 125°C
A
T = -25°C
A
0
5
10
15
20
25
30
0
2
6
4
8
10
12
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
R
f = 1MHz
0
50
100
0
25
50
75
100
125
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Power Derating Curve
A
150
200
250
300
Ordering Information (Note 4)
SDM20U30LP
Document number: DS30589 Rev. 9 - 2
2 of 3
www.diodes.com
July 2008
© Diodes Incorporated
Device
Packaging
Shipping
SDM20U30LP-7
DFN1006-2
3000/Tape & Reel
Notes:
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
LM = Product Type Marking Code, Dot Denotes Cathode Side



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com