Electronic Components Datasheet Search
  English  ▼

X  

BAS20DW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAS20DW
Description  SURFACE MOUNT LOW LEAKAGE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS20DW Datasheet(HTML) 3 Page - Diodes Incorporated

  BAS20DW_09 Datasheet HTML 1Page - Diodes Incorporated BAS20DW_09 Datasheet HTML 2Page - Diodes Incorporated BAS20DW_09 Datasheet HTML 3Page - Diodes Incorporated BAS20DW_09 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS20DW-BAS21DW
Document number: DS30617 Rev. 10 - 2
3 of 4
www.diodes.com
May 2009
© Diodes Incorporated
BAS20DW-BAS21DW
Package Outline Dimensions
Suggested Pad Layout
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Typ
F
0.40
0.45
H
1.80
2.20
J
0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.22
α
0°
8°
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.5
G
1.3
X
0.42
Y
0.6
C1
1.9
C2
0.65
A
M
J
L
D
B C
H
K
F
X
Z
Y
C1
C2
C2
G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com