Electronic Components Datasheet Search
  English  ▼

X  

DLPA006 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DLPA006
Description  DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLPA006 Datasheet(HTML) 1 Page - Diodes Incorporated

  DLPA006 Datasheet HTML 1Page - Diodes Incorporated DLPA006 Datasheet HTML 2Page - Diodes Incorporated DLPA006 Datasheet HTML 3Page - Diodes Incorporated DLPA006 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DLPA006
Document number: DS30665 Rev. 8 - 2
1 of 4
www.diodes.com
October 2008
© Diodes Incorporated
DLPA006
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
Features
•
Fast Switching Speed
•
Ultra-Small Surface Mount Package
•
Ideal For Three Dataline Rail Clamp or Three Phase Full Wave
Bridge Rectification
•
Lead Free By Design/RoHS Compliant (Note 4)
•
"Green" Device (Note 5)
Data Line Transient Protection
In accordance with (Note 1):
•
IEC 61000-4-2 Contact Method: ±15kV
•
IEC 61000-4-2 Air Discharge Method: ±25kV
Mechanical Data
•
Case: SOT-363
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0 (Note 4)
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Finish
⎯ Matte Tin annealed over Alloy 42
Leadframe. Solderable per MIL-STD-202, Method 208
•
Ordering Information: See Page 2
•
Marking Information: See Page 2
•
Weight: 0.006 grams (approximate)
DC
V
+
CC
DC
V
+
CC
AC
DL
3
3
/
/
/
/
/
/
DL
AC
1
1
DL
AC
2
2
GND
DC-
SOT-363
Internal Schematic
TOP VIEW
TOP VIEW
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Forward Current (Single Diode)
IFM
160
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0ms
@ t = 1.0s
IFSM
4.0
1.0
0.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
PD
200
mW
Power Dissipation (Note 3)
PD
300
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RθJA
625
°C/W
Thermal Resistance Junction to Ambient Air (Note 3)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
85
⎯
⎯
V
IR = 100μA
Forward Voltage
VF
⎯
⎯
0.90
1.0
1.1
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Leakage Current (Note 6)
IR
⎯
⎯
5.0
80
nA
nA
VR = 75V
VR = 75V, TJ = 150°C
Total Capacitance (per element)
CT
⎯
2
⎯
pF
VR = 0, f = 1.0MHz
Capacitance Between Two Data Lines (DL1 & DL2, DL1 & DL3)
CLL
⎯
1.6
2.6
pF
VR = 0, f = 1.0MHz
Capacitance Between Data Line and Ground
CLG
⎯
2.5
3.5
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
⎯
⎯
3.0
μs
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1. Tested with VCC pins connected to GND pin.
2. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. Device mounted on Alumina PCB, 0.4 inch x 0.3 inch x 0.024 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
4. No purposefully added lead.
5. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
6. Short duration pulse test used to minimize self-heating.
Please click here to visit our online spice models database.


Similar Part No. - DLPA006

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLPA006 DIODES-DLPA006 Datasheet
86Kb / 3P
DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 3 - 2
DLPA006 DIODES-DLPA006 Datasheet
494Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 4 - 2
DLPA006-7 DIODES-DLPA006-7 Datasheet
86Kb / 3P
DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 3 - 2
DLPA006-7 DIODES-DLPA006-7 Datasheet
494Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 4 - 2
DLPA006 DIODES-DLPA006_1 Datasheet
494Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 4 - 2
More results

Similar Description - DLPA006

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MTH200 MICROSEMI-MTH200 Datasheet
105Kb / 2P
3 PHASE FULL WAVE BRIDGE RECTIFIER
logo
Diodes Incorporated
DLPA006 DIODES-DLPA006 Datasheet
86Kb / 3P
DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 3 - 2
SDA006 DIODES-SDA006 Datasheet
98Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR/3-PHASE FULL WAVE BRIDGE RECTIFIER
DS30559 Rev. 3 - 2
DLPA006 DIODES-DLPA006_1 Datasheet
494Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 4 - 2
logo
Pan Jit International I...
PJ3L85 PANJIT-PJ3L85 Datasheet
130Kb / 3P
DATA BUS TERMINATOR / 3-PHASE, FULL WAVE BRIDGE
logo
Sensitron
SCP-5911 SENSITRON-SCP-5911 Datasheet
101Kb / 3P
3 Phase Full Wave Bridge Rectifier Module
logo
Diodes Incorporated
SDA006 DIODES-SDA006_08 Datasheet
156Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
DS30559 Rev. 6 - 2
logo
Pan Jit International I...
PJ3L85 PANJIT-PJ3L85_08 Datasheet
150Kb / 3P
DATA BUS TERMINATOR / 3-PHASE, FULL WAVE BRIDGE
logo
Diodes Incorporated
DLPA006 DIODES-DLPA006_15 Datasheet
143Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
Rev erse
SDA006 DIODES-SDA006_15 Datasheet
156Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
Rev erse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com