Electronic Components Datasheet Search
  English  ▼

X  

LB1412 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1412
Description  Level Meter Driver for 12 LEDs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1412 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1412 Datasheet HTML 1Page - Sanyo Semicon Device LB1412 Datasheet HTML 2Page - Sanyo Semicon Device LB1412 Datasheet HTML 3Page - Sanyo Semicon Device LB1412 Datasheet HTML 4Page - Sanyo Semicon Device LB1412 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics at Ta = 25°C, VCC =12 V
Parameter
Symbols
Pin No.
Conditions
min
typ
max
Unit
Input bias current
Amp (1)
IBIN1
7
−3
−0.2
0
µA
Output saturation
voltage
Amp (1)
VOH01
8
Pins 8, 9 short
10.5
11.2
11.6
V
Amp (1)
VOL01
8
Pins 8, 9 short
1.0
1.5
2.0
V
Voltage gain
Amp (1)
VGA1
30
100
dB
Input resistance
Amp (2)
RIN2
9
8
12
16
k
Ω
Load resistance
Amp (2)
R02
10
35
50
65
k
Ω
Output current
Amp (2)
IOL02
10
3
6
12
mA
Voltage gain
Amp (2)
VGA2
1.8
2.0
2.2
times
Output current
IOL
19, 22
D1, D5:3k
Ω across VZ and ILED
13
17
20
mA
Output saturation voltage
Vsat
17, 18,
19, 21,
22
D2 to D4, D6 to D7 : Output
Transistor on across VZ and ILED
1.0
1.3
V
Vsat
1 to 5
D8 to D12 : IOLD1 to D5 = 30 mA
1.5
2.0
V
Output leak current
loff
19, 22
D1, D5 : output transistor off
0
30
µA
loff
1 to 15
D8 to D12 : output transistor off
0
30
µA
Comparator level
D8
VTHD8
1
D8 : Voltage to turn on D8 by
applying DC voltage across VZ and
INZ
−0.625
−0.55
−0.465
V
D1
GD1
16
D8 light-up level:0dB
−23
−20
−17
dB
D2
GD2
17
D8 light-up level:0dB
−17
−15
−13
dB
D3
GD3
18
D8 light-up level:0dB
−12
−10
−8
dB
D4
GD4
19
D8 light-up level:0dB
−8
−7
−6
dB
D5
GD5
20
D8 light-up level:0dB
−6
−5
−4
dB
D6
GD6
21
D8 light-up level:0dB
−4
−3
−2
dB
D7
GD7
22
D8 light-up level:0dB
−1.5
−1
−0.5
dB
D9
GD9
2
D8 light-up level:0dB
0.5
1
1.5
dB
D10
GD10
3
D8 light-up level:0dB
2
3
4
dB
D11
GD11
4
D8 light-up level:0dB
4
5
6
dB
D12
GD12
5
D8 light-up level:0dB
7
8
9
dB
Reference voltage
VZ
12
3 k
Ω across VZ and ILED
5.6
6.3
6.8
V
R pin flow-out current
IOLR
11
VR = 0 V, OSC pin: open
−0.6
−0.3
−0.1
mA
R pin voltage
VR
11
OSC pin: open
0.4
0.7
0.9
V
Oscillation frequency
fOSC
13
1 M
Ω, 2.2 µF across VCC and VZ
1.5
2
2.5
s
Current drain
ICC
15
3k
Ω across VZ and ILED, all D
outputs off
915
mA
Pd max – Ta
Ambient temperature, Ta – °C
LB1412
No.1218-2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com