Electronic Components Datasheet Search
  English  ▼

X  

DCP55 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DCP55
Description  NPN SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCP55 Datasheet(HTML) 1 Page - Diodes Incorporated

  DCP55 Datasheet HTML 1Page - Diodes Incorporated DCP55 Datasheet HTML 2Page - Diodes Incorporated DCP55 Datasheet HTML 3Page - Diodes Incorporated DCP55 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DCP55/-16
NPN SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary PNP Type Available (DCP52)
•
Ideally Suited for Automated Assembly Processes
•
Ideal for Medium Power Switching or Amplification Applications
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: SOT-223
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish
− Matte Tin annealed over Copper leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Marking & Type Code Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.115 grams (approximate)
2
3
4
1
SOT-223
4
3
2
1
C
C
B
E
3
1
2,4
COLLECTOR
BASE
EMITTER
TOP VIEW
Schematic and Pin Configuration
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5
V
Peak Pulse Current
ICM
1.5
A
Continuous Collector Current
IC
1
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
1 (Note 3)
Power Dissipation @ TA = 25°C
Pd
2 (Note 4)
W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
Thermal Resistance Junction to Ambient Air @ TA = 25°C (Note 3)
RθJA
125
°C/W
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Conditions
OFF CHARACTERISTICS (Note 5)
Collector-Base Breakdown Voltage
V(BR)CBO
60
⎯
⎯
V
IC = 100μA, IE = 0A
Collector-Emitter Breakdown Voltage
V(BR)CEO
60
⎯
⎯
V
IC = 10mA, IB = 0A
Emitter-Base Breakdown Voltage
V(BR)EBO
5
⎯
⎯
V
IE = 10μA, IC = 0A
Collector Cut-Off Current
ICBO
⎯
⎯
⎯
⎯
100
20
nA
μA
VCB = 30V, IE = 0A
VCB = 30V, IE = 0A, TA = 150°C
Emitter Cut-Off Current
IEBO
⎯
⎯
10
μA
VEB = 5V, IC = 0A
ON CHARACTERISTICS (Note 5)
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
⎯
0.5
V
IC = 500mA, IB = 50mA
Base-Emitter Turn-On Voltage
VBE(ON)
⎯
⎯
1.0
V
IC = 500mA, VCE = 2V
40
25
⎯
250
⎯
IC = 150mA, VCE = 2V
IC = 500mA, VCE = 2V
DC Current Gain
DCP55-16
hFE
100
⎯
250
⎯
IC = 150mA, VCE = 2V
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
⎯
200
⎯
MHz
IC = 50mA, VCE = 5V,
f = 100MHz
Note:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB pad layout as shown on page 4 or on Diodes, Inc. suggested pad layout document AP02001, which can be found on
our website at http://www.diodes.com/datasheets/ap02001.pdf.
4. Device mounted on Polyimide PCB with a copper area of 1.8cm
2.
5. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%
DS30707 Rev. 6 - 2
1 of 4
www.diodes.com
DCP55/-16
© Diodes Incorporated
SPICE MODEL: DCP55 DCP55-16


Similar Part No. - DCP55

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
DCP5-16-13 KEXIN-DCP5-16-13 Datasheet
351Kb / 3P
NPN Surfac Mount Transistor
logo
Diodes Incorporated
DCP51 DIODES-DCP51 Datasheet
189Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31196 Rev. 2 - 2
DCP51-13 DIODES-DCP51-13 Datasheet
189Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31196 Rev. 2 - 2
DCP51-16 DIODES-DCP51-16 Datasheet
189Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31196 Rev. 2 - 2
DCP51-16-13 DIODES-DCP51-16-13 Datasheet
189Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31196 Rev. 2 - 2
More results

Similar Description - DCP55

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT3150 DIODES-DZT3150 Datasheet
233Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30785 Rev. 3 - 2
DCP56 DIODES-DCP56 Datasheet
203Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30796 Rev. 6 - 2
DZT491 DIODES-DZT491 Datasheet
259Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30946 Rev. 3 - 2
2DD2150R DIODES-2DD2150R Datasheet
153Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31148 Rev. 3 - 2
DXT3150 DIODES-DXT3150 Datasheet
206Kb / 3P
NPN SURFACE MOUNT TRANSISTOR
DS31157 Rev. 3 - 2
DXTA42 DIODES-DXTA42 Datasheet
155Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31158 Rev. 4 - 2
DCX54 DIODES-DCX54 Datasheet
229Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS31229 Rev. 2 - 2
DZT2222A DIODES-DZT2222A_15 Datasheet
242Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
Rev 5
2DD1621T DIODES-2DD1621T_15 Datasheet
211Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
Rev 2
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
Rev 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com