Electronic Components Datasheet Search
  English  ▼

X  

LB1620 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1620
Description  3-Phase DD Motor Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1620 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1620 Datasheet HTML 1Page - Sanyo Semicon Device LB1620 Datasheet HTML 2Page - Sanyo Semicon Device LB1620 Datasheet HTML 3Page - Sanyo Semicon Device LB1620 Datasheet HTML 4Page - Sanyo Semicon Device LB1620 Datasheet HTML 5Page - Sanyo Semicon Device LB1620 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics at Ta=25°C, VCC1=12V, VCC2=9V
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Current drain
ICC off
Vc=0V, Vstop=2V, ICC1+ICC2
12
18
mA
ICC dri
Vc=7V, Vstop=2V, ICC1+ICC2
22
40
mA
Saturation voltage
VO(sat)1
IO=0.58A, VCC1=9.6V,
2.1
V
VOsink+VOsource
VO(sat)2
IO=1A, VCC1=18V,
5.0
V
VOsink+VOsource
In-phase voltage range
2.0
VCC2–2.5
V
Motor forward rotation
2.0
VCC2
V
input voltage range
Motor reverse rotation
0
0.3
V
input voltage range
Interphase current variation
Driver stage
–25
0
+25
%
Output stage
–25
0
+25
%
Speed control voltage (off)
Vc1
Rf=0Ω, Rs=0Ω,
4.0
V
FC pin
→GND current=5µA
Speed control voltage (on)
Vc2
Rf=0Ω, Rs=0Ω,
4.5
V
FC pin
→GND current=0.5mA
Vc3
Rf=1Ω, Rs=100Ω, VRf=100mV
4.6
V
Closed loop voltage gain
Rf=1Ω, Rs=100Ω, IL=100mA
0.44
A/V
Input sensitivity
20
mV
LB1620 Truth Table
LB1620
No.1210-2/6
W phase
→ V phase
V phase
→ W phase
L
H
1
Source
Sink
Forward/Reverse
Control (FRC)
Input
U
H
H
L
W phase
→ U phase
U phase
→ W phase
L
H
2
H
L
L
V phase
→ W phase
W phase
→ V phase
L
H
3
L
L
H
U phase
→ V phase
V phase
→ U phase
L
H
4
L
H
L
V phase
→ U phase
U phase
→ V phase
L
H
5
H
L
H
U phase
→ W phase
W phase
→ U phase
L
H
6
L
H
H
V
W
Input : "H" : Each phase input (1) is more than 0.2V higher than each phase input (2).
"L" : Each phase input (1) is more than 0.2V lower than each phase input (2).
Forward/reverse control : "H" : 2.0 to VCC2
: "L" : 0 to 0.3V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com