Electronic Components Datasheet Search
  English  ▼

X  

BAT54LPS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAT54LPS
Description  0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54LPS Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT54LPS Datasheet HTML 1Page - Diodes Incorporated BAT54LPS Datasheet HTML 2Page - Diodes Incorporated BAT54LPS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30810 Rev. 2 - 2
1 of 3
www.diodes.com
BAT54LPS
© Diodes Incorporated
BAT54LPS
BAT54LPS
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
•
Low Forward Voltage Drop
•
Fast Switching
•
Ultra-Small Leadless Surface Mount Package
•
PN Junction Guard Ring for Transient and ESD Protection
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: DFN1006-2
•
Case Material: Molded Plastic, "Green" Molding
Compound. UL Flammability Classification Rating 94V-0
•
Moisture sensitivity: Level 1 per J-STD-020C
•
Terminal Connections: Cathode Dot Terminals: Finish -
NiPdAu over Copper leadframe. Solderable per MIL-
STD-202, Method 208
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.001 grams
D
G
H
B
R
C
N
A
DFN1006H4-2
Dim
Min
Max
Typ
A
0.95 1.075 1.00
B
0.55 0.675 0.60
C
0.45 0.55 0.50
D
0.20 0.30 0.25
G
0.34
0.4
0.37
H
0
0.05 0.03
N
⎯
⎯
0.40
R
0.05 0.15 0.10
All Dimensions in mm
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current
IF
200
mA
Repetitive Peak Forward Current
IFRM
300
mA
Forward Surge Current
@ t < 1.0s
IFSM
600
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
Pd
250
mW
Thermal Resistance, Junction to Ambient Air (Note 4)
RθJA
400
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 3)
V(BR)R
30
⎯
⎯
V
IR = 100μA
Forward Voltage
VF
⎯
⎯
⎯
428
580
320
400
500
650
mV
IF = 1mA
IF = 10mA
IF = 30mA
IF = 100mA
Reverse Leakage Current (Note 3)
IR
⎯
⎯
2.0
μA
VR = 25V
Total Capacitance
CT
⎯
⎯
10
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
trr
⎯
⎯
5.0
ns
IF = 10mA through IR = 10mA
to IR = 1.0mA, RL = 100Ω
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Short duration pulse test used to minimize self-heating effect.
4.
Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - BAT54LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS Datasheet
238Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
February 2013
BAT54LPS-7 DIODES-BAT54LPS-7 Datasheet
311Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 6
BAT54LPS-7 DIODES-BAT54LPS-7 Datasheet
238Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
February 2013
BAT54LPS DIODES-BAT54LPS_15 Datasheet
238Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
February 2013
BAT54LPS DIODES-BAT54LPS_17 Datasheet
311Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 6
More results

Similar Description - BAT54LPS

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G401SD GTM-G401SD Datasheet
198Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.2A
GBAS40 GTM-GBAS40 Datasheet
216Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE 40V,CURRENT 0.2A
logo
Silicon Standard Corp.
BAS86 SSC-BAS86 Datasheet
322Kb / 2P
0.2A Surface-mount Small-signal Schottky Diode
logo
SeCoS Halbleitertechnol...
BAT54X SECOS-BAT54X_12 Datasheet
231Kb / 2P
0.2A , 30V Surface Mount Schottky Barrier Diode
SCS230D SECOS-SCS230D Datasheet
103Kb / 2P
0.2A , 30V Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS_15 Datasheet
238Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
February 2013
logo
Cystech Electonics Corp...
BAT54C2 CYSTEKEC-BAT54C2 Datasheet
327Kb / 6P
0.2A surface mount Schottky diode
logo
SeCoS Halbleitertechnol...
BAT54DW SECOS-BAT54DW Datasheet
184Kb / 2P
0.2A, 30V Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS_17 Datasheet
311Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 6
logo
Will Semiconductor Ltd.
WSB5546N WILLSEMI-WSB5546N Datasheet
818Kb / 4P
0.2A, Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com