Electronic Components Datasheet Search
  English  ▼

X  

DXTA42 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DXTA42
Description  NPN SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTA42 Datasheet(HTML) 2 Page - Diodes Incorporated

  DXTA42 Datasheet HTML 1Page - Diodes Incorporated DXTA42 Datasheet HTML 2Page - Diodes Incorporated DXTA42 Datasheet HTML 3Page - Diodes Incorporated DXTA42 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DXTA42
Document number: DS31158 Rev. 4 - 2
2 of 4
www.diodes.com
December 2009
© Diodes Incorporated
DXTA42
R
= 125°C
θJA
0
0.1
0.2
0.3
0.4
0.5
0.01
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Fig. 4 Collector-Emitter Saturation Voltage
vs. Collector Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com