Electronic Components Datasheet Search
  English  ▼

X  

DMN3115UDM Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN3115UDM
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3115UDM Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN3115UDM Datasheet HTML 1Page - Diodes Incorporated DMN3115UDM Datasheet HTML 2Page - Diodes Incorporated DMN3115UDM Datasheet HTML 3Page - Diodes Incorporated DMN3115UDM Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMN3115UDM
Document number: DS31187 Rev. 6 - 2
1 of 4
www.diodes.com
May 2010
© Diodes Incorporated
DMN3115UDM
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Features
•
Low On-Resistance
•
60 m
Ω @ V
GS = 4.5V
•
80 m
Ω @ V
GS = 2.5V
•
130 m
Ω @ V
GS = 1.5V
•
Very Low Gate Threshold Voltage
•
Low Input Capacitance
•
ESD Protected Gate
•
Fast Switching Speed
•
Lead Free By Design/RoHS Compliant (Note 2)
•
"Green" Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-26
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram
•
Terminals: Finish
⎯ Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.015 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±8
V
Drain Current (Note 1)
ID
3.2
A
Pulsed Drain Current (Note 1)
IDM
12.8
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 1)
PD
900
mW
Thermal Resistance, Junction to Ambient
RθJA
139
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Drain-Source Breakdown Voltage
BVDSS
30
⎯
⎯
V
VGS = 0V, ID = 100μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±5
μA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(th)
0.5
⎯
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
40
50
76
60
80
130
m
Ω
VGS = 4.5V, ID = 6A
VGS = 2.5V, ID = 2A
VGS = 1.5V, ID = 1.0A
Forward Transfer Admittance
|Yfs|
⎯
8
⎯
S
VDS =10V, ID = 6A
Diode Forward Voltage (Note 4)
VSD
⎯
0.7
1.1
V
VGS = 0V, IS = 2A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
476
⎯
pF
VDS = 15V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
77
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
59
⎯
pF
Notes:
1. Device mounted on FR-4 PCB, minimum recommended pad layout on 2oz. Copper pads.
2. No purposefully added lead.
3. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4. Short duration pulse test used to minimize self-heating effect.
SOT-26
Top View
Top View
Internal Schematic
G1
S1
D3
D2
D4
D1
ESD PROTECTED


Similar Part No. - DMN3115UDM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3115UDM-13 DIODES-DMN3115UDM-13 Datasheet
214Kb / 5P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 8
DMN3115UDM-7 DIODES-DMN3115UDM-7 Datasheet
214Kb / 5P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 8
DMN3115UDMQ-13 DIODES-DMN3115UDMQ-13 Datasheet
214Kb / 5P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 8
DMN3115UDMQ-7 DIODES-DMN3115UDMQ-7 Datasheet
214Kb / 5P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 8
DMN3115UDM DIODES-DMN3115UDM_15 Datasheet
214Kb / 5P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 8
More results

Similar Description - DMN3115UDM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com