Electronic Components Datasheet Search
  English  ▼

X  

IMT17 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # IMT17
Description  DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

IMT17 Datasheet(HTML) 2 Page - Diodes Incorporated

  IMT17 Datasheet HTML 1Page - Diodes Incorporated IMT17 Datasheet HTML 2Page - Diodes Incorporated IMT17 Datasheet HTML 3Page - Diodes Incorporated IMT17 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IMT17
Document number: DS31202 Rev. 4 - 2
2 of 4
www.diodes.com
March 2009
© Diodes Incorporated
IMT17
0
50
100
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Max Power Dissipation vs.
Ambient Temperature
A
150
200
250
300
350
400
0
01
2
3
4
5
-V
, COLLECTOR EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current
vs. Collector-Emitter Voltage
I = -2mA
B
I = -4mA
B
I = -6mA
B
I = -8mA
B
I = -10mA
B
0.001
0.01
0.1
1
-I , COLLECTOR CURRENT (A)
C
Fig. 3 Typical DC Current Gain vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -3V
CE
0.01
0.1
1
0.001
0.01
0.1
1
-I , COLLECTOR CURRENT (A)
C
Fig. 4 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I/I = 10
CB
0
0.2
0.4
0.6
0.8
1
1.2
0.001
0.01
0.1
1
-I , COLLECTOR CURRENT (A)
C
Fig. 5 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -3V
CE
0
0.2
0.4
0.6
0.8
1
1.2
0.001
0.01
0.1
1
-I , COLLECTOR CURRENT (A)
C
Fig. 6 Typical Base-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I/I = 10
CB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com