Electronic Components Datasheet Search
  English  ▼

X  

DXT5401 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DXT5401
Description  PNP SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT5401 Datasheet(HTML) 4 Page - Diodes Incorporated

  DXT5401 Datasheet HTML 1Page - Diodes Incorporated DXT5401 Datasheet HTML 2Page - Diodes Incorporated DXT5401 Datasheet HTML 3Page - Diodes Incorporated DXT5401 Datasheet HTML 4Page - Diodes Incorporated DXT5401 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DXT5401
Document number: DS31226 Rev. 3 - 2
4 of 5
www.diodes.com
March 2010
© Diodes Incorporated
DXT5401
Ordering Information (Note 5)
Part Number
Case
Packaging
DXT5401-13
SOT89-3L
2500/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
Suggested Pad Layout
SOT89-3L
Dim
Min
Max
A
1.40
1.60
B
0.44
0.62
B1
0.35
0.54
C
0.35
0.43
D
4.40
4.60
D1
1.52
1.83
E
2.29
2.60
e
1.50 Typ
e1
3.00 Typ
H
3.94
4.25
L
0.89
1.20
All Dimensions in mm
Dimensions Value (in mm)
X1
1.7
X2
0.9
X3
0.4
Y1
2.7
Y2
1.3
Y3
1.9
C
3.0
K4M = Product type marking code
= Manufacturer’s code marking
YWW = Date code marking
Y = Last digit of year (ex: 7 = 2007)
WW = Week code (01 – 53)
K4M
YWW
Y1
X3
X2
X1
Y3
Y2
C
e
D
H
L
A
C
E
8° (4
X)
B1
B
D1
R
0.
20
0
e1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com