Electronic Components Datasheet Search
  English  ▼

X  

DMP3020LSS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP3020LSS
Description  SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3020LSS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP3020LSS Datasheet HTML 1Page - Diodes Incorporated DMP3020LSS Datasheet HTML 2Page - Diodes Incorporated DMP3020LSS Datasheet HTML 3Page - Diodes Incorporated DMP3020LSS Datasheet HTML 4Page - Diodes Incorporated DMP3020LSS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DMP3020LSS
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
0
0.005
0.01
0.015
0.02
0.025
0.03
0
6
12
18
24
30
-I , DRAIN-SOURCE CURRENT (A)
D
V
= -4.5V
GS
V
= -10V
GS
Fig. 4 Typical On-Resistance
vs. Drain Current and Temperature
0
0.005
0.01
0.015
0.02
0.025
0.03
0
6
12
18
24
30
-I , DRAIN CURRENT (A)
D
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 5 Normalized On-Resistance vs. Ambient Temperature
0.6
0.8
1.0
1.2
1.4
1.6
-50 -25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= -4.5V
I = -5A
GS
D
V
= -10V
I = -10A
GS
D
Fig. 6 Typical Total Capacitance
0
5
10
15
20
25
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
100
1,000
10,000
Ciss
Coss
Crss
f = 1MHz
0
0.4
0.8
1.2
1.6
2.0
2.4
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
I = -250µA
D
Fig. 8 Diode Forward Voltage vs. Current
0
4
8
12
16
20
0
0.2
0.4
0.6
0.8
1
1.2
-V
, SOURCE-DRAIN VOLTAGE (V)
SD
T = 25°C
A
DMP3020LSS
Document number: DS31263 Rev. 8 - 2
3 of 5
www.diodes.com
October 2008
© Diodes Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com