Electronic Components Datasheet Search
  English  ▼

X  

LB1669 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1669
Description  2-Phase Unipolar Brushless Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1669 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1669 Datasheet HTML 1Page - Sanyo Semicon Device LB1669 Datasheet HTML 2Page - Sanyo Semicon Device LB1669 Datasheet HTML 3Page - Sanyo Semicon Device LB1669 Datasheet HTML 4Page - Sanyo Semicon Device LB1669 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications
Absolute Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input current
ICC max
t
% 20 ms
200
mA
Output applied voltage
VOUT
–0.3 to +60
V
Output current
IOUT
1.5
A
RD flow-in current
IRD
10
mA
RD applied voltage
VRD
30
V
Allowable power dissipation
Pd max
LB1669: Independent IC
1.2
W
LB 1669M: Mounted on 20
× 15 × 1.5 mm3
glass epoxy board
800
mW
Operating temperature
Topr
–30 to +80
°C
Storage temperature
Tstg
–55 to +125
°C
Allowable Operating Conditions at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Input current range
ICC
6.0 to 50
mA
Common-mode input voltage
range
VICM
0toVIN–1.5
V
Electrical Characteristics at Ta=25 °C, ICC =10mA
Parameter
Symbol
Conditions
min
typ
max
Unit
Output withstand voltage 1
VOR
60
V
Output withstand voltage 2
VO(sus)
IO = 0.1 A
40
V
Output saturation voltage
VO sat1
IO = 0.5 A
0.95
1.2
V
VO sat2
IO = 1.0 A
1.15
1.5
V
VIN voltage
VIN
ICC = 7.0 mA
6.4
6.7
7.0
V
Amp input offset voltage
VOFF
–7
0
7.0
mV
Amp input bias current
IBA
–250
nA
RD output saturation voltage
VRD(sat)
IRD = 5 mA
0.1
0.2
V
C flow-out current
IC1
2.1
3
3.9
µA
C discharge current
IC2
0.31
0.44
0.59
µA
Comparator input threshold
voltage
VTH1
0.77
0.8VIN
0.83
V
VTH2
0.42
0.45VIN
0.48
V
Pd max–Ta
Pdmax–Ta
Independent IC
Mounted on 20
× 15 × 1.5 mm3 Glass epoxy board
Ambient temperature, Ta – °C
Ambient temperature, Ta – °C
LB1669M
LB1669, 1669M
No.3513-2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com