Electronic Components Datasheet Search
  English  ▼

X  

4550N Datasheet(PDF) 1 Page - ebm-papst

Part # 4550N
Description  TUBEAXIAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4550N Datasheet(HTML) 1 Page - ebm-papst

  4550N Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4890N
4840N
4850N
4800N
4580N
4530N
4550N
4500N
1
6
2
7
3
8
4
9
47.1
50.0
58.9
57.1
72.4
88.9
85.3
99.5
230
115
230
115
230
115
230
115
50/60
60
50/60
60
50/60
60
50/60
60
11.0
10.0
10.0
9.0
18.0
16.0
16.5
15.0
25
26
32
32
41
45
44
48
70
75
70
75
55
65
55
65
1.21
1.21
1.21
1.21
1.21
1.21
1.21
1.21
Sintec
Sintec
Sintec
Sintec
Sintec
Sintec
Sintec
Sintec
Terminals
Terminals
Terminals
Terminals
Terminals
Terminals
Terminals
Terminals
4000N Series
Tu beaxial
Fan housing with ground lug for screw
M4 and UNC.
AC fans with external rotor shaded-
pole motor. Impedance protected
against overloading.
Metal fan housing and impeller.
Air intake over struts. Rotational
direction CW looking at rotor.
Types 4890N and 4840N air
exhaust over struts.
Electrical connection: Terminals with
2 flat pins 2.8 x 0.5 mm.
119x119x38mm
UL, CSA, VDE approvals on most
models, please contact application
engineering.
Available on request:
- Fan housing with mounting bosses.
- Electrical connection via 2 single leads.
- 3.7 mm mounting holes.
Mounting from either face using
four 4.3 mm holes.
Part
Number
1550
1650
1800
1750
2350
2700
2550
3000
.32
4.69
(119)
4.13
(104.8)
.169 (4.3)
.177 (4.5)
1.5 (38)
.23
(6)
4.92
(152)
.32
4600N
4606N
10
10
105.9
105.9
115
115
60
60
18.0
18.0
50
51
60
90
1.21
1.21
Sintec
Ball
Terminals
Terminals
3100
3100
4650N
4656N
5
5
94.2
94.2
230
230
50/60
50/60
19.0
19.0
46
47
55
85
1.21
1.21
Sintec
Ball
Terminals
Terminals
2650
2650
4624N
10
105.9
24
60
18.0
50
60
1.21
Sintec
Terminals
3100
4660N
10
105.9
115/230
50/60
18.0
51
60
1.21
Sintec
Terminals
2650
e-mail: sales@us.ebmpapst.com · TEL: 860-674-1515 · FAX: 860-674-8536
ebm-papst Inc., 100 Hyde Road, Farmington, CT 06034 USA
ebm-papst Inc., 2006 © ebm-papst Inc. reserves the right to change any specifications or data without notice
136


Similar Part No. - 4550N

ManufacturerPart #DatasheetDescription
logo
ebm-papst
4550N EBMPAPST-4550N Datasheet
296Kb / 4P
AC axial compact fan
4550N EBMPAPST-4550N Datasheet
383Kb / 1P
FAN HOUSING WITH GROUND LUG FOR SCREW M4 AND UNC
4550N EBMPAPST-4550N_16 Datasheet
395Kb / 4P
AC axial compact fan
More results

Similar Description - 4550N

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3850 EBMPAPST-3850 Datasheet
423Kb / 1P
TUBEAXIAL
3900L EBMPAPST-3900L Datasheet
358Kb / 1P
TUBEAXIAL
4600TZ EBMPAPST-4600TZ Datasheet
272Kb / 1P
TUBEAXIAL
5656S EBMPAPST-5656S Datasheet
277Kb / 1P
TUBEAXIAL
9956L EBMPAPST-9956L Datasheet
318Kb / 1P
TUBEAXIAL
AC3200JH EBMPAPST-AC3200JH Datasheet
205Kb / 1P
TUBEAXIAL
AC4300H EBMPAPST-AC4300H Datasheet
185Kb / 1P
TUBEAXIAL
AC6200NM EBMPAPST-AC6200NM Datasheet
128Kb / 1P
Tubeaxial
4484F EBMPAPST-4484F Datasheet
439Kb / 1P
TUBEAXIAL
4200 EBMPAPST-4200 Datasheet
595Kb / 3P
Tubeaxial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com