Electronic Components Datasheet Search
  English  ▼

X  

DMP2022LSS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP2022LSS
Description  SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2022LSS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP2022LSS Datasheet HTML 1Page - Diodes Incorporated DMP2022LSS Datasheet HTML 2Page - Diodes Incorporated DMP2022LSS Datasheet HTML 3Page - Diodes Incorporated DMP2022LSS Datasheet HTML 4Page - Diodes Incorporated DMP2022LSS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DMP2022LSS
Document number: DS31373 Rev. 5 - 2
1 of 5
www.diodes.com
June 2010
© Diodes Incorporated
DMP2022LSS
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
Features
•
Low On-Resistance
•
13m
Ω @ VGS = -10V
•
16m
Ω @ VGS = -4.5V
•
22m
Ω @ VGS = -2.5V
•
Low Gate Threshold Voltage
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/Output Leakage
•
Lead Free By Design/RoHS Compliant (Note 2)
•
"Green" Device (Note 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SO-8
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals Connections: See Diagram
•
Terminals: Finish - Matte Tin annealed over Copper lead frame.
Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.072g (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Note 1)
Steady
State
TA = 25°C
TA = 70°C
ID
-10
-8
A
Pulsed Drain Current (Note 3)
IDM
-35
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 1)
PD
2.5
W
Thermal Resistance, Junction to Ambient
RθJA
50
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1.
Device mounted on 2 oz. Copper pads on FR-4 PCB.
2.
No purposefully added lead.
3.
Pulse width
≤10μS, Duty Cycle ≤1%.
4.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
SO-8
TOP VIEW
Internal Schematic
TOP VIEW
S
D
D
G
D
D
S
S


Similar Part No. - DMP2022LSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2022LSS DIODES-DMP2022LSS Datasheet
474Kb / 6P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
DMP2022LSS-13 DIODES-DMP2022LSS-13 Datasheet
474Kb / 6P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
BYCHIP ELECTRONICS CO.,...
DMP2022LSS-13 BYCHIP-DMP2022LSS-13 Datasheet
1Mb / 5P
P-channel Enhancement Mode Power MOSFET
v1.0
logo
Diodes Incorporated
DMP2022LSSQ DIODES-DMP2022LSSQ Datasheet
265Kb / 6P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP2022LSSQ-13 DIODES-DMP2022LSSQ-13 Datasheet
265Kb / 6P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
More results

Similar Description - DMP2022LSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3020LSS DIODES-DMP3020LSS Datasheet
204Kb / 5P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DS31263 Rev. 8 - 2
DMP3035LSS DIODES-DMP3035LSS Datasheet
175Kb / 5P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DS31443 Rev. 6 - 2
DMP3015LSS DIODES-DMP3015LSS Datasheet
246Kb / 5P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DS31472 Rev. 4 - 2
DMP2066LSS DIODES-DMP2066LSS Datasheet
161Kb / 4P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DS31522 Rev. 1 - 2
DMP3020LSS DIODES-DMP3020LSS_15 Datasheet
251Kb / 6P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 11
DMP3015LSS DIODES-DMP3015LSS_15 Datasheet
264Kb / 5P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
DMP3035LSS DIODES-DMP3035LSS_17 Datasheet
647Kb / 6P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
HUAYI MICROELECTRONICS ...
HY15P03C2 HUAYI-HY15P03C2 Datasheet
2Mb / 9P
Single P-Channel Enhancement Mode MOSFET
HYG065P03LQ1C2 HUAYI-HYG065P03LQ1C2 Datasheet
1Mb / 9P
Single P-Channel Enhancement Mode MOSFET
HYG110P04LQ1C2 HUAYI-HYG110P04LQ1C2 Datasheet
837Kb / 10P
Single P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com