Electronic Components Datasheet Search
  English  ▼

X  

DMP3056LSS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP3056LSS
Description  SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3056LSS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP3056LSS Datasheet HTML 1Page - Diodes Incorporated DMP3056LSS Datasheet HTML 2Page - Diodes Incorporated DMP3056LSS Datasheet HTML 3Page - Diodes Incorporated DMP3056LSS Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DMP3056LSS
0.01
0.1
0.1
1
10
-I , DRAIN-SOURCE CURRENT (A)
D
Fig. 3 On-Resistance vs. Drain Current & Gate Voltage
V
= -10V
GS
V
= -4.5V
GS
0
0.01
0.02
0.03
0.04
0.05
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 4 Static Drain-Source On-Resistance
vs. Ambient Temperature
V
= -10V
I = -6.0A
GS
D
V
= -4.5V
I = -5.0A
GS
D
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 5 Gate Threshold Variation vs. Ambient Temperature
I = -250µA
D
Fig. 6 Typical Total Capacitance
0
5
10
15
20
25
30
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
10
100
1,000
10,000
C
iss
C
oss
C
rss
f = 1MHz
0.0001
0.001
0.01
0.1
1
10
-V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 7 Reverse Drain Current vs. Source-Drain Voltage
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
0.2
0.4
0.6
0.8
1
1.2
DMP3056LSS
Document number: DS31419 Rev. 6 - 2
3 of 4
www.diodes.com
September 2008
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com