Electronic Components Datasheet Search
  English  ▼

X  

SBL1040CTP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBL1040CTP
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBL1040CTP Datasheet(HTML) 2 Page - Diodes Incorporated

  SBL1040CTP Datasheet HTML 1Page - Diodes Incorporated SBL1040CTP Datasheet HTML 2Page - Diodes Incorporated SBL1040CTP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBL1040CTP
Document number: DS31457 Rev. 6 - 2
2 of 3
www.diodes.com
December 2009
© Diodes Incorporated
SBL1040CTP
0
300
600
900
1,200
Fig. 1 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
0.01
0.1
1
10
100
T = 25°C
A
T = -55°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 2 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
010
203040
50
1
10
100
1,000
10,000
100,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 3 Forward Current Derating Curve
T , AMBIENT TEMPERATURE (°C)
A
0
2
4
6
8
10
12
25
50
75
100
125
150
175
1
3
5
7
9
11
R
= R
Total Device
θθ
JA
JC
R
= 21°C/W
Per Element
Note 3
θJA
Ordering Information (Note 2)
Part Number
Case
Packaging
SBL1040CTP
ITO-220S
50 pieces/tube
Notes:
2. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
SBL1040CTP = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 08 = 2008)
WW = Week (01-52)
1040CTP
YYWW
AB
SBL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com