Electronic Components Datasheet Search
  English  ▼

X  

DMP2066LSN Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP2066LSN
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2066LSN Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP2066LSN Datasheet HTML 1Page - Diodes Incorporated DMP2066LSN Datasheet HTML 2Page - Diodes Incorporated DMP2066LSN Datasheet HTML 3Page - Diodes Incorporated DMP2066LSN Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMP2066LSN
P-CHANNEL ENHANCEMENT MODE MOSFET
Features
•
Low RDS(ON):
•
40 m
Ω @VGS = -4.5V
•
70 m
Ω @VGS = -2.5V
•
Low Input/Output Leakage
•
Lead Free By Design/RoHS Compliant (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
•
"Green" Device (Note 4)
Mechanical Data
•
Case: SC-59
•
Case Material – Molded Plastic. UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Finish - Matte Tin Solderable per MIL-STD-202,
Method 208
•
Terminal Connections: See Diagram
•
Marking Information: See Page 4
•
Ordering Information: See page 4
•
Weight: 0.008 grams (approximate)
SC-59
Source
Gate
Drain
D
G
S
TOP VIEW
Pin Configuration
Internal Schematic
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Note 1) Continuous
TA = 25°C
TA = 70°C
ID
-4.6
-3.7
A
Pulsed Drain Current (Note 2)
IDM
-18
A
Body-Diode Continuous Current (Note 1)
IS
2.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 1)
PD
1.25
W
Thermal Resistance, Junction to Ambient (Note 1); Steady-State
RθJA
100
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. Device mounted on 1"x1", FR-4 PC board with 2 oz. Copper and test pulse width t
≤10s.
2. Repetitive Rating, pulse width limited by junction temperature.
3. No purposefully added lead.
4. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
DMP2066LSN
Document number: DS31467 Rev. 3 - 2
1 of 4
www.diodes.com
August 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - DMP2066LSN

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
DMP2066LSN ZPSEMI-DMP2066LSN Datasheet
129Kb / 2P
P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP2066LSN DIODES-DMP2066LSN_15 Datasheet
93Kb / 5P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
More results

Similar Description - DMP2066LSN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com