Electronic Components Datasheet Search
  English  ▼

X  

DP0150BLP4 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DP0150BLP4
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DP0150BLP4 Datasheet(HTML) 1 Page - Diodes Incorporated

  DP0150BLP4 Datasheet HTML 1Page - Diodes Incorporated DP0150BLP4 Datasheet HTML 2Page - Diodes Incorporated DP0150BLP4 Datasheet HTML 3Page - Diodes Incorporated DP0150BLP4 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DP0150ALP4 / DP0150BLP4
Document number: DS31493 Rev. 3 - 2
1 of 4
www.diodes.com
July 2009
© Diodes Incorporated
DP0150ALP4 / DP0150BLP4
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Die Construction
•
Ultra-Small Leadless Surface Mount Package
•
Ultra-low Profile (0.40mm max)
•
Complementary NPN Type Available (DN0150ALP4 /
DN0150BLP4)
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q 101 Standards for High Reliability
Mechanical Data
•
Case: DFN1006H4-3
•
Case Material: Molded Plastic, "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminal Connections Indicator: Collector Dot
•
Terminals: Finish
⎯ NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
•
Ordering Information: See Page 3
•
Marking Information: See Page 3
•
Weight: 0.0008 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-100
mA
Peak Pulse Collector Current
ICM
-200
mA
Base Current
IB
-30
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
PD
450
mW
Thermal Resistance, Junction to Ambient (Note 3)
RθJA
278
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
-50
—
—
V
IC = -10μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 4)
V(BR)CEO
-50
—
—
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
—
—
V
IE = -10μA, IC = 0
Collector Cut-Off Current
ICBO
—
—
-0.1
μA
VCB = -50V, IE = 0
Emitter Cut-Off Current
IEBO
—
—
-0.1
μA
VEB = -5V, IC = 0
ON CHARACTERISTICS (Note 4)
Collector-Emitter Saturation Voltage
VCE(SAT)
—
-0.15
-0.3
V
IC = -100mA, IB = -10mA
DC Current Gain
DP01510ALP4
DP01510BLP4
hFE
120
—
240
—
VCE = -6V, IC = -2mA
200
—
400
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
80
—
—
MHz
VCE = -10V, IE = 1mA
f = 30MHz
Output Capactiance
Cob
—
1.6
—
pF
VCB = -10V, IE = 0,
f = 1MHz
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB with minimum recommended pad layout.
4. Measured under pulsed conditions. Pulse width = 300µs. Duty cycle
≤2%
Bottom View
Top View
Device Schematic
C
E
B
1
2
3
Please click here to visit our online spice models database.


Similar Part No. - DP0150BLP4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DP0150BLP4 DIODES-DP0150BLP4 Datasheet
96Kb / 5P
50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
DP0150BLP4-7 DIODES-DP0150BLP4-7 Datasheet
96Kb / 5P
50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
DP0150BLP4-7B DIODES-DP0150BLP4-7B Datasheet
96Kb / 5P
50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
More results

Similar Description - DP0150BLP4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
BC856A DIODES-BC856A_2 Datasheet
119Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 19 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com