Electronic Components Datasheet Search
  English  ▼

X  

MUR460 Datasheet(PDF) 2 Page - Diotech Company.

Part # MUR460
Description  SUPER FAST RECOVERY SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MUR460 Datasheet(HTML) 2 Page - Diotech Company.

  MUR460 Datasheet HTML 1Page - Diotech Company. MUR460 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MUR420 THRU MUR460
RATINGS AND CHARACTERISTIC CURVES
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
AMBIENT TEMPERATURE. ( C)
O
0
50
100
150
200
0
2.0
4.0
6.0
L = 1/2"
PCB with 1.5" x 1.5"
copper pads
FIG.5- TYPICAL JUNCTION CAPACITANCE PERLEG
REVERSE VOLTAGE. (V)
1
10
100
10
100
0.1
1000
Tj=25 C
f=1.0MHz
Vsig=50m Vp-p
0
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.4- TYPICSL REVERSE CHARACTERISTICS
0
0.001
0.01
0.1
1
10
100
1000
20
40
60
80
100
Tj=100 C
0
Tj=25 C
0
FIG.3- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. (V)
0
0
.
2
2
.
1
8
.
0
4
.
0
0.01
10
100
1.6
0.1
1
Tj=25 C
0
MUR420
MUR440-60
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
1
10
150
125
100
75
50
25
100
MUR420
MUR440-60
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com