Electronic Components Datasheet Search
  English  ▼

X  

MURF820 Datasheet(PDF) 1 Page - Diotech Company.

Part # MURF820
Description  SUPER FAST RECOVERY SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MURF820 Datasheet(HTML) 1 Page - Diotech Company.

  MURF820 Datasheet HTML 1Page - Diotech Company. MURF820 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MURF805 THRU MURF860
SUPER FAST RECOVERY SILICON RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 8.0 Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
ITO-220AC
.
.
Characteristic
Symbol
MURF
805
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
420
V
Average Rectified Output Current
@TC = 105°C
IO
A
Non-Repetitive Peak Forward Surge
Current 8.3ms Single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
Forward Voltage
@IF = 8.0A
VFM
0.95
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IRM
10
400
µA
Reverse Recovery Time (Note 1)
trr
35
50
nS
Typical Junction Capacitance (Note 2)
Cj
70
50
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
MURF
810
MURF
815
MURF
820
MURF
830
MURF
840
MURF
860
Glass Passivated Die Construction
Super-Fast Switching
Low Forward Voltage Drop
Low Reverse Leakage Current
High Surge Current Capability
Plastic Material has UL Flammability
Classification 94V-O
Case: ITO-220AC, Full Molded Plastic
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 2.24 grams (approx.)
Mounting Position: Any
Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.
8.0
125
A
1
2
PIN
10.2± 0.2
4.0± 0.3
5.0± 0.1
1.4± 0.1
0.6± 0.1
4.5± 0.2
3.1+0.2
-0.1
2.6± 0.2
0.6± 0.1
Dimensions in millimeters
PIN 1 +
PIN 3 -


Similar Part No. - MURF820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURF820 MOTOROLA-MURF820 Datasheet
81Kb / 4P
ULTRAFAST RECTIFIER 8 AMPERES 200 VOLTS
logo
Micro Commercial Compon...
MURF820 MCC-MURF820 Datasheet
103Kb / 2P
8 Amp Isolation Super Fast Recovery Rectifier 50 to 400 Volts
logo
ON Semiconductor
MURF820 ONSEMI-MURF820 Datasheet
142Kb / 4P
Power Rectifier
September, 2006 ??Rev. 2
logo
Nanjing International G...
MURF820 DGNJDZ-MURF820 Datasheet
1Mb / 2P
GLASS PASSIVATED SUPER RECTIFIER
MURF820 DGNJDZ-MURF820 Datasheet
77Kb / 2P
GLASS PASSIVATED SUPER RECTIFIER
More results

Similar Description - MURF820

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SF51 DIOTECH-SF51 Datasheet
659Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MUR440 DIOTECH-MUR440 Datasheet
905Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF1005 DIOTECH-MURF1005 Datasheet
656Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF2005 DIOTECH-MURF2005 Datasheet
1,004Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF3005PT DIOTECH-MURF3005PT Datasheet
783Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
SF22 DIOTECH-SF22 Datasheet
680Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
SF32 DIOTECH-SF32 Datasheet
678Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
SF52 DIOTECH-SF52 Datasheet
680Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
MURF2005CT DIOTECH-MURF2005CT Datasheet
1Mb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SF51-DO27 YFWDIODE-SF51-DO27 Datasheet
356Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com