Electronic Components Datasheet Search
  English  ▼

X  

MURF830 Datasheet(PDF) 2 Page - Diotech Company.

Part # MURF830
Description  SUPER FAST RECOVERY SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MURF830 Datasheet(HTML) 2 Page - Diotech Company.

  MURF830 Datasheet HTML 1Page - Diotech Company. MURF830 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MURF805 THRU MURF860
RATINGS AND CHARACTERISTIC CURVES
30
60
90
0
120
150
180
0
0
1
0
1
1
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
830 - 860
805 - 820
0
2
4
6
8
10
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
0.1
1.0
10
100
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Pulse width= 300 s
2% duty cycle
µ
860
830 - 840
805 - 820



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com