Electronic Components Datasheet Search
  English  ▼

X  

R1500 Datasheet(PDF) 1 Page - Diotech Company.

Part # R1500
Description  HIGH VOLTAGE SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

R1500 Datasheet(HTML) 1 Page - Diotech Company.

  R1500 Datasheet HTML 1Page - Diotech Company. R1500 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R1200 THRU R2000
HIGH VOLTAGE SILICON RECTIFIER
Reverse Voltage - 1200 to 2000 Volts
Forward Current - 0.5 Ampere
Case: JEDEC DO-41 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.012 ounce, 0.33 grams
Low cost
Low leakage
Low forward voltage drop
High current capability
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
DO-41
0.107 (2.7)
0.080 (2.0)
DIA.
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160(4.1)
1.0 (25.4)
MIN.
●
●
●
●
Maximum Ratings and Electrical Characteristics
@ TA = 25 C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
(Note 1)
@ TA= 50 C
IO
500
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
Forward Voltage
@ IF= 500mA
VFM
2.0
3.0
V
Peak Reverse Leakage Current
at Rated DC Blocking Voltage
IRM
5.0
A
Typical Junction Capacitance (Note 2)
Cj
pF
Typical Thermal Resistance Junction to Ambient
R JA
70
117
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
R1200
Unit
R1500
R1800
R2000
1200
840
1500
1050
1800
1260
2000
1400
V
V
30
A
30
mA


Similar Part No. - R1500

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R1500 ZOWIE-R1500 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Rectron Semiconductor
R1500 RECTRON-R1500 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Bytes
R1500 BYTES-R1500 Datasheet
145Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Dc Components
R1500 DCCOM-R1500 Datasheet
330Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE SILICON RECTIFIER
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
More results

Similar Description - R1500

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R1200 ZOWIE-R1200 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Edal Industries, Inc.
B656 EDAL-B656 Datasheet
47Kb / 1P
SILICON HIGH VOLTAGE RECTIFIER
logo
MIC GROUP RECTIFIERS
R1200 MIC-R1200 Datasheet
172Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
SHV03 CHONGQING-SHV03 Datasheet
37Kb / 1P
HIGH VOLTAGE SILICON RECTIFIER
logo
Frontier Electronics.
GP02-25-LFR FRONTIER-GP02-25-LFR Datasheet
130Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R1200 YFWDIODE-R1200 Datasheet
102Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
R1200-DO41 YFWDIODE-R1200-DO41 Datasheet
302Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
R1200-DO-41 YFWDIODE-R1200-DO-41 Datasheet
330Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
TV6 NJSEMI-TV6 Datasheet
48Kb / 2P
High Voltage Silicon Rectifier
logo
Nantong Hornby Electron...
R2500 HORNBY-R2500 Datasheet
198Kb / 3P
HIGH VOLTAGE SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com