Electronic Components Datasheet Search
  English  ▼

X  

DLPA004 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DLPA004
Description  DATA BUS TRANSIENT SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLPA004 Datasheet(HTML) 2 Page - Diodes Incorporated

  DLPA004 Datasheet HTML 1Page - Diodes Incorporated DLPA004 Datasheet HTML 2Page - Diodes Incorporated DLPA004 Datasheet HTML 3Page - Diodes Incorporated DLPA004 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DLPA004
Document number: DS31593 Rev. 4 - 2
2 of 4
www.diodes.com
March 2009
© Diodes Incorporated
DLPA004
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
85
⎯
⎯
V
IR = 100μA
Forward Voltage
VF
⎯
⎯
0.80
0.90
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Leakage Current (Note 5)
IR
⎯
⎯
⎯
⎯
⎯
⎯
2.5
30
50
μA
VR = 70V
VR = 25V, TJ = 150°C
VR = 70V, TJ = 150°C
Total Capacitance (per element)
CT
⎯
2
⎯
pF
VR = 0, f = 1.0MHz
Capacitance Between Two Data Lines (DL1 & DL2, DL1 & DL3)
CLL
⎯
1.6
2.0
pF
VR = 0, f = 1.0MHz
Capacitance Between Data Line and Ground
CLG
⎯
2.3
3.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
⎯
⎯
3.0
μs
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
5. Short duration pulse test used to minimize self-heating effect.
0
50
100
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve, Total Package
A
150
200
250
300
10
1.0
100
1,000
0.1
0.01
01
2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, Per Element
F
0.1
1
10
050
150
100
200
T , AMBIENT TEMPERATURE ( C)
Fig. 3 Typical Reverse Characteristics, Per Element
A
°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com