Electronic Components Datasheet Search
  English  ▼

X  

MJD350 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MJD350
Description  HIGH VOLTAGE PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MJD350 Datasheet(HTML) 1 Page - Diodes Incorporated

  MJD350 Datasheet HTML 1Page - Diodes Incorporated MJD350 Datasheet HTML 2Page - Diodes Incorporated MJD350 Datasheet HTML 3Page - Diodes Incorporated MJD350 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MJD350
Document number: DS31608 Rev. 2 - 2
1 of 4
www.diodes.com
November 2008
© Diodes Incorporated
MJD350
HIGH VOLTAGE PNP SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
High Collector-EmitterVoltage
•
Ideally Suited for Automated Assembly Processes
•
Ideal for Power Switching or Amplification Applications
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: DPAK
•
Case Material: Molded Plastic, "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Finish — Matte Tin annealed over Copper Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.34 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-300
V
Collector-Emitter Voltage
VCEO
-300
V
Emitter-Base Voltage
VEBO
-3
V
Continuous Collector Current
IC
-0.5
A
Peak Pulse Collector Current
ICM
-0.75
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation @TC = 25°C
PD
15
W
Thermal Resistance, Junction to Case
RθJC
8.33
°C/W
Power Dissipation @TA = 25°C (Note 3)
PD
1.56
W
Thermal Resistance, Junction to Ambient
RθJA
81
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Emitter Sustaining Voltage (Note 4)
V(SUS)CEO
-300
⎯
⎯
V
IC = -1mA, IB = 0
Collector Cutoff Current
ICBO
⎯
⎯
-100
μA
VCB = -300V, IE = 0
Emitter Cutoff Current
IEBO
⎯
⎯
-100
μA
VEB = - 3V, IC = 0
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
30
⎯
240
⎯
VCE = -10V, IC = -50mA
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB with the minimum pad size recommended.
4. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
Top View
Device Schematic
Pin Out Configuration
COLLECTOR
BASE
EMITTER
3
1
2
4
Please click here to visit our online spice models database.


Similar Part No. - MJD350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD350 MOTOROLA-MJD350 Datasheet
194Kb / 4P
SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
logo
ON Semiconductor
MJD350 ONSEMI-MJD350 Datasheet
194Kb / 4P
SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
MJD350 STMICROELECTRONICS-MJD350 Datasheet
65Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1997
logo
Fairchild Semiconductor
MJD350 FAIRCHILD-MJD350 Datasheet
37Kb / 4P
High Voltage Power Transistors D-PAK for Surface Mount Applications
logo
STMicroelectronics
MJD350 STMICROELECTRONICS-MJD350 Datasheet
505Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Sep-2003
More results

Similar Description - MJD350

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PZTA92T1 ONSEMI-PZTA92T1 Datasheet
107Kb / 6P
PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
1998 REV 3
logo
Weitron Technology
MMBTA92 WEITRON-MMBTA92 Datasheet
247Kb / 4P
High-Voltage PNP Transistor Surface Mount
MMBTA94 WEITRON-MMBTA94 Datasheet
206Kb / 3P
High-Voltage PNP Transistor Surface Mount
PZTA92 WEITRON-PZTA92 Datasheet
156Kb / 4P
High-Voltage PNP Transistor Surface Mount
PZTA94 WEITRON-PZTA94 Datasheet
185Kb / 4P
High-Voltage PNP Transistor Surface Mount
MMBTA94 WEITRON-MMBTA94_06 Datasheet
651Kb / 4P
High-Voltage PNP Transistor Surface Mount
PZTA94 WEITRON-PZTA94_08 Datasheet
295Kb / 4P
High-Voltage PNP Transistor Surface Mount
logo
Central Semiconductor C...
CMPTA94 CENTRAL-CMPTA94_10 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Diodes Incorporated
MJD350 DIODES-MJD350_15 Datasheet
106Kb / 4P
HIGH VOLTAGE PNP SURFACE MOUNT TRANSISTOR
Rev 2
logo
SHIKUES Electronics
PZTA92 SKTECHNOLGY-PZTA92 Datasheet
733Kb / 4P
High-Voltage PNP Transistor Surface Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com