Electronic Components Datasheet Search
  English  ▼

X  

MJD340-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MJD340-13
Description  HIGH VOLTAGE NPN SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MJD340-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  MJD340-13 Datasheet HTML 1Page - Diodes Incorporated MJD340-13 Datasheet HTML 2Page - Diodes Incorporated MJD340-13 Datasheet HTML 3Page - Diodes Incorporated MJD340-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MJD340
Document number: DS31609 Rev. 2 - 2
4 of 4
www.diodes.com
December 2008
© Diodes Incorporated
MJD340
Package Outline Dimensions
Suggested Pad Layout
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
DPAK
Dim
Min
Max
A
2.18
2.40
A1
0.89
1.14
b
0.61 Typ
b2
5.20
5.50
C
0.45
0.58
C1
0.45
0.58
D
5.40
6.20
E
6.35
6.80
e
2.28 Typ
e1
4.57 Typ
H
9.00
10.40
L
0.51
⎯
L1
0.64
1.02
L2
0.88
1.27
All Dimensions in mm
Dimensions
Value (in mm)
Z
11.6
X1
1.5
X2
7.0
Y1
2.5
Y2
7.0
C
6.9
E1
2.3
E
b
SEATING
PLANE
L
A
C1
L1
C
b2
e1
D
e
A1
L2
H
X2
C
Z
X1
Y1
E1
Y2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com