Electronic Components Datasheet Search
  English  ▼

X  

AC6200NM Datasheet(PDF) 1 Page - ebm-papst

Part # AC6200NM
Description  Tubeaxial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC6200NM Datasheet(HTML) 1 Page - ebm-papst

  AC6200NM Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC6200NM
206
1
115 /230
50 / 60
14
50
70
Ball
Leads
AC6200N Series
Tu beaxial
6 in. - ACmaxx
Part
Number
2850
85 ... 265
1.98
■Introducing an extension of our AC
product line, the ACmaxx series accepts
a wide input voltage and has the high
efficiency and long life of a brushless DC
fan.
■Metal fan housing, impeller made of
plastic.
■Open-loop speed control, tach and alarm
outputs - as well as coatings to increase
protection against environmental influences -
available upon request.
■External rotor motor with completely
integrated drive and control electronics.
■Air exhaust over struts. Direction of rotation
CCW looking at rotor.
■Startup and locked rotor current do not
exceed maximum operating current.
■Safety UL; CSA; VDE; CCC; CE
■22 AWG leads
50
100
150
0
100
200
25
50
100
300
m³/h
V
•
75
CFM
1
3.28(83.3 ±0.6)
0.031(0.8)
0.031
(0.8)
0.295
(7.5)
0.295(7.5)
0.591
(15)
1.2
(30.5±0.2)
6.535
(166)
2 (50.8±0.
3)
0.169
(4.3±
0.15)
Ø 6.752
(171.5±0.5)
Ø 6.378
(162 +0.15
-0.3
)
0.177
(4.5±0.2)
e-mail: sales@us.ebmpapst.com · TEL: 860-674-1515 · FAX: 860-674-8536
ebm-papst Inc., 100 Hyde Road, Farmington, CT 06034 USA
ebm-papst Inc., 2006 © ebm-papst Inc. reserves the right to change any specifications or data without notice


Similar Part No. - AC6200NM

ManufacturerPart #DatasheetDescription
logo
ebm-papst
AC6200NM EBMPAPST-AC6200NM Datasheet
215Kb / 4P
AC axial compact fan
AC6200NM EBMPAPST-AC6200NM Datasheet
1Mb / 15P
ACmaxx / i-maxx
AC6200NM EBMPAPST-AC6200NM_11 Datasheet
215Kb / 4P
AC axial compact fan
More results

Similar Description - AC6200NM

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3850 EBMPAPST-3850 Datasheet
423Kb / 1P
TUBEAXIAL
3900L EBMPAPST-3900L Datasheet
358Kb / 1P
TUBEAXIAL
4624N EBMPAPST-4624N Datasheet
192Kb / 1P
TUBEAXIAL
4600TZ EBMPAPST-4600TZ Datasheet
272Kb / 1P
TUBEAXIAL
5656S EBMPAPST-5656S Datasheet
277Kb / 1P
TUBEAXIAL
9956L EBMPAPST-9956L Datasheet
318Kb / 1P
TUBEAXIAL
AC3200JH EBMPAPST-AC3200JH Datasheet
205Kb / 1P
TUBEAXIAL
AC4300H EBMPAPST-AC4300H Datasheet
185Kb / 1P
TUBEAXIAL
4484F EBMPAPST-4484F Datasheet
439Kb / 1P
TUBEAXIAL
4200 EBMPAPST-4200 Datasheet
595Kb / 3P
Tubeaxial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com