Electronic Components Datasheet Search
  English  ▼

X  

2DA1797 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DA1797
Description  PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1797 Datasheet(HTML) 1 Page - Diodes Incorporated

  2DA1797 Datasheet HTML 1Page - Diodes Incorporated 2DA1797 Datasheet HTML 2Page - Diodes Incorporated 2DA1797 Datasheet HTML 3Page - Diodes Incorporated 2DA1797 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2DA1797
Document number: DS31619 Rev. 2 - 2
1 of 4
www.diodes.com
December 2008
© Diodes Incorporated
2DA1797
PNP SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Ideally Suited for Automated Assembly Processes
•
Ideal for Medium Power Switching or Amplification Applications
•
Complementary NPN Type Available (2DC4672)
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: SOT89-3L
•
Case Material: Molded Plastic, "Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Finish — Matte Tin annealed over Copper leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.072 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Peak Pulse Current
ICM
-6
A
Continuous Collector Current
IC
-3
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3) @ TA = 25°C
PD
0.9
W
Thermal Resistance, Junction to Ambient Air (Note 3) @ TA = 25°C
RθJA
139
°C/W
Power Dissipation (Note 4) @ TA = 25°C
PD
2
W
Thermal Resistance, Junction to Ambient Air (Note 4) @ TA = 25°C
RθJA
62.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Conditions
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
-50
⎯
⎯
V
IC = -50μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 5)
V(BR)CEO
-50
⎯
⎯
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-6
⎯
⎯
V
IE = -50μA, IC = 0
Collector Cut-Off Current
ICBO
⎯
⎯
-0.1
μA
VCB = -50V, IE = 0
Emitter Cut-Off Current
IEBO
⎯
⎯
-0.1
μA
VEB = -5V, IC = 0
ON CHARACTERISTICS (Note 5)
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
-100
-350
mV
IC = -1A, IB = -50mA
DC Current Gain
hFE
82
⎯
270
⎯
VCE = -2V, IC = -500mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
⎯
27
⎯
pF
VCB = -10V, IE = 0,
f = 1MHz
Current Gain-Bandwidth Product
fT
⎯
160
⎯
MHz
VCE = -2V, IC = -100mA,
f = 100MHz
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB with minimum recommended pad layout.
4. Device mounted on FR-4 PCB with 1 inch
2 copper pad layout.
5. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
Top View
Device Schematic
Pin Out Configuration
3
1
2,4
COLLECTOR
EMITTER
BASE
4
3
2
1
C
C
B
E
TOP VIEW
Please click here to visit our online spice models database.


Similar Part No. - 2DA1797

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1797-13 DIODES-2DA1797-13 Datasheet
268Kb / 7P
50V PNP SURFACE MOUNT TRANSISTOR
Rev 4
2DA1797Q-13 DIODES-2DA1797Q-13 Datasheet
268Kb / 7P
50V PNP SURFACE MOUNT TRANSISTOR
Rev 4
2DA1797 DIODES-2DA1797_15 Datasheet
268Kb / 7P
50V PNP SURFACE MOUNT TRANSISTOR
Rev 4
More results

Similar Description - 2DA1797

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807-16W DIODES-BC807-16W Datasheet
363Kb / 3P
PNP SURFACE MOUNT TRANSISTOR
DS30577 Rev. 5 - 2
DZT953 DIODES-DZT953_1 Datasheet
175Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS30941 Rev. 6 - 2
2DB1188P DIODES-2DB1188P Datasheet
235Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31144 Rev. 4 - 2
DCX52 DIODES-DCX52 Datasheet
229Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31155 Rev. 4 - 2
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
PNP Transistor Surface Mount
logo
Diodes Incorporated
2DB1119S DIODES-2DB1119S_15 Datasheet
201Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
Rev 2
DXT2907A DIODES-DXT2907A_15 Datasheet
191Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
Rev 5
DXT5401 DIODES-DXT5401_15 Datasheet
126Kb / 5P
PNP SURFACE MOUNT TRANSISTOR
Rev 3
logo
Leshan Radio Company
L2SB772Q LRC-L2SB772Q Datasheet
137Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
L2SD882Q LRC-L2SD882Q Datasheet
137Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com