Electronic Components Datasheet Search
  English  ▼

X  

LB1695 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1695
Description  Three-Phase Brushless Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1695 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1695 Datasheet HTML 1Page - Sanyo Semicon Device LB1695 Datasheet HTML 2Page - Sanyo Semicon Device LB1695 Datasheet HTML 3Page - Sanyo Semicon Device LB1695 Datasheet HTML 4Page - Sanyo Semicon Device LB1695 Datasheet HTML 5Page - Sanyo Semicon Device LB1695 Datasheet HTML 6Page - Sanyo Semicon Device LB1695 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
No. 5678-2/7
LB1695
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
ICC
Forward rotation
13
19
mA
Output saturation voltage
VO(sat)1
IO = 0.5 A, VO (sink) + VO (source)
1.8
2.4
V
VO(sat)2
IO = 1.0 A, VO (sink) + VO (source)
2.1
2.8
V
Output leakage current
IO leak
100
µA
[Hall Amplifier]
Input bias current
IHB
1
4
µA
Common-mode input voltage range
VICM
1.5
3.2
V
Hysteresis
∆VIN
21
30
37
mV
Input voltage (low
→ high)
VSLH
5
15
25
mV
Input voltage (high
→ low)
VSHL
–25
–15
–5
mV
[FG Pin] (Speed pulse output)
Output low-level voltage
VFGL
IFG = 5 mA
0.4
V
Pull-up resistance
RFG
7.5
10.0
12.5
k
Ω
[Forward/Reverse Operation]
Forward
VFR1
0
0.8
V
Reverse
VFR2
4.2
5.0
V
[Current Limiter Operation]
Limiter
VRF
0.42
0.5
0.6
V
[Thermal Shutdown Operation]
Operating temperature
TSD
*
150
180
°C
Hysteresis
∆TSD
*
40
°C
[Low-Voltage Protection Operation]
Operating voltage
VLVSD
3.5
3.8
4.1
V
Release voltage
VLVSD(OFF)
4.3
4.5
V
Hysteresis
∆VLVSD
0.4
0.5
0.6
V
[Pin C]
Charge current
ICL
R = 33 k
Ω
30
40
50
µA
Discharge current
ICH
R = 33 k
Ω
90
120
150
µA
Charge start voltage
VCL
R = 33 k
Ω
0.3
0.4
0.5
V
Discharge start voltage
VCH
R = 33 k
Ω
1.5
2.0
2.5
V
Output current ignored time
tsm
R = 33 k
Ω, C = 4700 pF
58
68
78
µs
Output off time
tso
R = 33 k
Ω, C = 4700 pF
164
193
222
µs
Electrical Characteristics at Ta = 25°C, VCC = 5 V, VM = 30 V
Note: *The items marked with an asterisk are design target values and are not tested.
Pin Assignment



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com