Electronic Components Datasheet Search
  English  ▼

X  

DUP412VP5 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DUP412VP5
Description  QUAD SURFACE MOUNT TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DUP412VP5 Datasheet(HTML) 2 Page - Diodes Incorporated

  DUP412VP5 Datasheet HTML 1Page - Diodes Incorporated DUP412VP5 Datasheet HTML 2Page - Diodes Incorporated DUP412VP5 Datasheet HTML 3Page - Diodes Incorporated DUP412VP5 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DUP412VP5
Document number: DS31642 Rev. 7 - 2
2 of 4
www.diodes.com
July 2010
© Diodes Incorporated
DUP412VP5
0
25
50
75
100
125
150
175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Pulse Derating Curve
A
0
t, TIME ( s)
Fig. 2 Pulse Waveform
μ
20
40
60
100
50
0
0.0001
0.001
0.01
0.1
1
0.4
0.6
0.8
1.0
1.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 3 Typical Forward Characteristics
F
Fig. 4 Instantaneous Reverse Current
vs. Ambient Temperature
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V = 9V
R
0
2
4
6
8
02
4
6
8
10
V , REVERSE VOLTAGE (V)
Fig. 5 Typical Total Capacitance vs.
Reverse Voltage (Per Element)
R
f = 1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com