Electronic Components Datasheet Search
  English  ▼

X  

LB1696 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1696
Description  3-phase Brushless Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1696 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1696 Datasheet HTML 1Page - Sanyo Semicon Device LB1696 Datasheet HTML 2Page - Sanyo Semicon Device LB1696 Datasheet HTML 3Page - Sanyo Semicon Device LB1696 Datasheet HTML 4Page - Sanyo Semicon Device LB1696 Datasheet HTML 5Page - Sanyo Semicon Device LB1696 Datasheet HTML 6Page - Sanyo Semicon Device LB1696 Datasheet HTML 7Page - Sanyo Semicon Device LB1696 Datasheet HTML 8Page - Sanyo Semicon Device LB1696 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electric Characteristics at Ta=25 °C, VCC =5 V, VM =45 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current
ICC
Forward
16
23
mA
Output saturation voltage
VOsat1
IO = 1 A, VO (sink) + VO (source)
2.1
3.0
V
VOsat2
IO = 2 A, VO (sink) + VO (source)
3.0
4.2
V
Output leakage current
IO(leak)
100
µA
Hall amplifier
Input bias current
IHB
14
µA
Common-mode input voltage
range
VICM
1.5
3.2
V
Hysteresis width
∆VIN
27
32
36
mV
Input voltage L
→ HVSLH
816
23
mV
Input voltage H
→ LVSHL
–23
–16
–8
mV
FG pin (rate pulse output)
Output low level voltage
VFGL
IFG = 5 mA
0.4
V
Dull-up resistance
RFG
7.5
10
12.5
k
Ω
Forward F/R operation
VFR1
0
0.8
V
Reverse F/R operation
VFR2
4.2
5.0
V
Current limit operator limiter
VRF
0.42
0.5
0.6
V
Thermal shutdown operation
temperature
TSD
Design target
150
165
°C
Hysteresis width
∆TSD
Design target
25
°C
Reduced voltage protection
operation voltage
VLVSD
3.5
3.8
4.1
V
Reduced voltage protection
release voltage
VLVSD(OFF)
4.3
4.5
V
Hysteresis width
∆VLVSD
0.4
0.5
0.6
V
C pin charge current 1
ICL1
R1=68k
Ω, R2 = open
15
21
27
µA
C pin charge current 2
ICL2
R1=68k
Ω,R2=10kΩ
111
158
205
µA
C pin discharge current
ICH
R1=68k
Ω
168
225
282
µA
C pin charge start voltage
VCL
R1=68k
Ω
0.3
0.4
0.5
V
C pin discharge start voltage
VCH
R1=68k
Ω
1.5
2.0
2.5
V
Output current neglect time
tsm
R1=68k
Ω, C = 6800 pF
42
51
60
µs
Output off time 1
tso1
R1=68k
Ω, R2 = open,
C = 6800 pF
462
545
628
µs
Output off time 2
tso2
R1=68k
Ω,R2=10kΩ,
C = 6800 pF
51
74
97
µs
Regulator output voltage
VCC(REG)
4.5
5.2
5.9
V
Ambient temperature, Ta — °C
With arbitrarily large heat sink
Independent IC
LB1696
No.5244-2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com