Electronic Components Datasheet Search
  English  ▼

X  

S-2 Datasheet(PDF) 1 Page - Riedon Powertron

Part # S-2
Description  Surface Mount Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

S-2 Datasheet(HTML) 1 Page - Riedon Powertron

  S-2 Datasheet HTML 1Page - Riedon Powertron S-2 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
2/10
Specification
Value
Tolerances
S:±0.01%to±5%
SL:±0.1%to±5%
TemperatureCoefficient
S:>10W:±20ppm/K
S:1Wto10W:±50ppm/K
S:<1W:CallFactory
SL:±120ppm/K
TemperatureRange
-55°Cto+275°C
DielectricStrength
S:1000VAC
SL:500VAC
InsulationResistance
>1000MOhms/Dry
Reel/TapeWidth(mm)
S-1:12/S-2:16/S-3:24/S-4:24/S-5:32/SL-2:16/SL-4:24
EnvironmentalPerformance
(MIL-STD202)
D
R
Dielectric
±0.5%+0.05W
LoadLife
±1%+0.05W
Storage
±0.5%+0.05W
MoistureResistance
±1%+0.05W
ThermalShock
±0.5%+0.05W
5XOverload(5s)
±0.5%+0.05W
Shock
±0.5%+0.05W
S & SL Series
• Resistance: 0.005 to 50kOhms
• High Power: to 4Watts
• Tolerance to ±0.01%
• Low Temperature Coefficient to ±20ppm/K
• Superior Surge Handling Capability
• Reel Packaging
• Non-Inductive Windings are Available (Type SN)
SPECIFICATIONS
1
Fornon-inductivewindings/dividemaximumresistanceby2
Type
PowerRating
Watts@70°C
Resistance1
Range(W)
Maximum
WorkingVoltage
S-1
0.5
0.01to400
P*R
S-2
1
0.005to3k
S-4
2
0.01to15k
S-3
3
0.01to25k
S-5
4
0.01to50k
SL-2
1
0.005to0.05
SL-4
2
0.005to0.07
SurfaceMountWirewoundResistors


Similar Part No. - S-2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S-2 COOPER-S-2 Datasheet
126Kb / 2P
Rejection base plug fuses ??dual-element
logo
Riedon Powertron
S-2 RIEDON-S-2 Datasheet
215Kb / 2P
Surface Mount Wirewound Resistors
logo
Eaton All Rights Reserv...
S-2 EATON-S-2 Datasheet
126Kb / 2P
Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Cooper Bussmann, Inc.
S-2-1/2 COOPER-S-2-1/2 Datasheet
126Kb / 2P
Rejection base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
S-2-1/2 EATON-S-2-1/2 Datasheet
126Kb / 2P
Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
More results

Similar Description - S-2

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SSL RIEDON-SSL_14 Datasheet
215Kb / 2P
Surface Mount Wirewound Resistors
S4-10RF1 RIEDON-S4-10RF1 Datasheet
198Kb / 2P
Surface Mount Wirewound Resistors
S1-0R039J8 RIEDON-S1-0R039J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S2-0R2F2 RIEDON-S2-0R2F2 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S2-680RF1 RIEDON-S2-680RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-0R005J8 RIEDON-S3-0R005J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-100RF1 RIEDON-S3-100RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-150RF1 RIEDON-S3-150RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S4-0R015F1 RIEDON-S4-0R015F1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S5-100RJ2 RIEDON-S5-100RJ2 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com