Electronic Components Datasheet Search
  English  ▼

X  

BUF12840 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BUF12840
Description  Programmable Gamma-Voltage Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF12840 Datasheet(HTML) 1 Page - Texas Instruments

  BUF12840 Datasheet HTML 1Page - Texas Instruments BUF12840 Datasheet HTML 2Page - Texas Instruments BUF12840 Datasheet HTML 3Page - Texas Instruments BUF12840 Datasheet HTML 4Page - Texas Instruments BUF12840 Datasheet HTML 5Page - Texas Instruments BUF12840 Datasheet HTML 6Page - Texas Instruments BUF12840 Datasheet HTML 7Page - Texas Instruments BUF12840 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BUF12840
www.ti.com
SBOS536 – OCTOBER 2010
Programmable Gamma-Voltage Generator
with Integrated Two-Bank Memory and External EEPROM
1
FEATURES
DESCRIPTION
2
•
10-BIT RESOLUTION
The BUF12840 offers 12 programmable gamma
channels
with
external
electrically
erasable
•
12-CHANNEL P-GAMMA
programmable read-only memory (EEPROM) read
•
READS FROM EXTERNAL EEPROM
capabilities.
•
TWO INDEPENDENT PIN-SELECTABLE
The BUF12840 has two separate memory banks that
MEMORY BANKS
allow simultaneous storage of two different gamma
•
RAIL-TO-RAIL OUTPUT:
curves to facilitate switching between gamma curves.
–
300mV Min Swing-to-Rail (10mA)
All gamma channels offer a rail-to-rail output that
–
200mV Min Swing-to-Rail (5mA)
typically swings to within 200mV of either supply rail
•
LOW SUPPLY CURRENT
with a 5mA load. All channels are programmed using
a two-wire interface that supports standard operations
•
SUPPLY VOLTAGE: 9V to 20V
up to 400kHz and high-speed data transfers up to
•
DIGITAL SUPPLY: 2V to 5.5V
3.4MHz.
•
TWO-WIRE INTERFACE: Supports 400kHz and
The
BUF12840
is
manufactured
using
Texas
3.4MHz Operation
Instruments’ proprietary, state-of-the-art, high-voltage
CMOS process. This process offers very dense logic
APPLICATIONS
and high supply voltage operation of up to 20V. The
•
TFT-LCD REFERENCE DRIVERS
BUF12840 is offered in a QFN-24 package, and is
specified from –40°C to +95°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BUF12840

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF12840 TI1-BUF12840 Datasheet
1Mb / 32P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF12840 TI1-BUF12840 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator
BUF12840AIRGER TI1-BUF12840AIRGER Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator
BUF12840AIRGET TI1-BUF12840AIRGET Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
More results

Similar Description - BUF12840

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF20800 BURR-BROWN-BUF20800 Datasheet
752Kb / 27P
18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
BUF20820 BURR-BROWN-BUF20820 Datasheet
1Mb / 32P
18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF08630 TI-BUF08630 Datasheet
430Kb / 8P
Programmable Gamma-Voltage Generator
BUF18830 TI1-BUF18830 Datasheet
410Kb / 9P
Programmable GAMMA-VOLTAGE GENERATOR with Two High Slew Rate VCOMs
BUF20800-Q1 TI1-BUF20800-Q1 Datasheet
1Mb / 32P
18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Texas Instruments
BUF08630 TI1-BUF08630_14 Datasheet
1Mb / 35P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF12840 TI1-BUF12840_15 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator
BUF16821-Q1 TI1-BUF16821-Q1 Datasheet
1Mb / 38P
Programmable Gamma-Voltage Generator
logo
Maxim Integrated Produc...
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com