Electronic Components Datasheet Search
  English  ▼

X  

LB1823M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1823M
Description  Power Brushless Motor Predriver IC for OA Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1823M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1823M Datasheet HTML 1Page - Sanyo Semicon Device LB1823M Datasheet HTML 2Page - Sanyo Semicon Device LB1823M Datasheet HTML 3Page - Sanyo Semicon Device LB1823M Datasheet HTML 4Page - Sanyo Semicon Device LB1823M Datasheet HTML 5Page - Sanyo Semicon Device LB1823M Datasheet HTML 6Page - Sanyo Semicon Device LB1823M Datasheet HTML 7Page - Sanyo Semicon Device LB1823M Datasheet HTML 8Page - Sanyo Semicon Device LB1823M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Continued from preceding page.
No. 4696-3/11
LB1823M
Parameter
Symbol
Conditions
min
typ
max
Unit
[FG Amplifier]
Input offset voltage
VIO (FG)
–10
+10
mV
Input bias current
IB (FG)
–1
+1
µA
Output high level voltage
VOH (FG)
4.8
5.3
V
Output low level voltage
VOL (FG)
1
1.5
V
FG input sensitivity
Gain: 100
×
3
mV
Schmitt amplitude for the
100
180
250
mV
next stage
Operating frequency range
2
kHz
Open-loop gain
f(FG) = 2 kHz
45
51
dB
[FGS Output]
Output saturation voltage
VO (FGS)
IO (FGS) = 2 mA
0.1
0.5
V
Output leakage current
IL (FGS)
VO = VCC
10
µA
[Speed Discriminator]
Output high level voltage
VOH (D)
5.3
5.6
V
Output low level voltage
VOL (D)
0.4
1.1
V
[PLL Output]
Output high level voltage
VOH (P)
4.05
4.35
4.65
V
Output low level voltage
VOL (P)
1.85
2.15
2.45
V
Number of counts
512
[Lock Detector]
Output low level voltage
VOL (LD)
ILD = 10 mA
0.1
0.5
V
Output leakage current
IL (LD)
VO = VCC
10
µA
Lock range
±6.25
%
[Integrator]
Input bias current
IB (INT)
–0.4
+0.4
µA
Output high level voltage
VOH (INT)
5.0
5.6
V
Output low level voltage
VOL (INT)
0.8
1.2
V
Open-loop gain
60
dB
Gain bandwidth product
1.6
MHz
Reference voltage
–5%
VCC/2
5%
V
[Crystal Oscillator]
Crystal oscillator frequency
fOSC
Crystal oscillator
1
10
MHz
External input frequency
fCLK
External signal input
1
10.2
MHz
[S/S Pin]
Input high level voltage
VIH (S/S)
4.0
3.05
V
Input low level voltage
VIL (S/S)
2.60
1.5
V
Hysteresis
∆V
IN
0.45
V
Pull-up resistor
RU (S/S)
63
k
Ω
[F/R Pin]
Input high level voltage
VIH (F/R)
4.0
3.05
V
Input low level voltage
VIL (F/R)
2.60
1.5
V
Hysteresis
∆V
IN
0.45
V
Pull-down resistor
RD (F/R)
30
50
70
k
Ω
[BR Pin]
Input high level voltage
VIH (BR)
4.0
3.05
V
Input low level voltage
VIL (BR)
2.60
1.5
V
Hysteresis
∆V
IN
0.45
V
Pull-down resistor
RD (BR)
30
50
70
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com