Electronic Components Datasheet Search
  English  ▼

X  

1SS387FN2 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 1SS387FN2
Description  SURFACE MOUNT SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SS387FN2 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  1SS387FN2 Datasheet HTML 1Page - Pan Jit International Inc. 1SS387FN2 Datasheet HTML 2Page - Pan Jit International Inc. 1SS387FN2 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
LEGAL STATEMENT
Copyright PanJit International, Inc 2010
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.
0.043
(1.10)
0.043
(1.10)
0.017
(0.42)
0.017
(0.42)
0.010
(0.26)
0.010
(0.26)
0.027
(0.68)
0.027
(0.68)
DFN 2L
DFN 2L
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 8K per 7" plastic Reel
1SS387FN2
REV.0.1-DEC.01.2009
STAD-APR.02.2010



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com